Electronic Components Datasheet Search
  English  ▼

X  

MMRF1312HS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1312HS
Description  RF Power LDMOS Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1312HS Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1312HS Datasheet HTML 1Page - NXP Semiconductors MMRF1312HS Datasheet HTML 2Page - NXP Semiconductors MMRF1312HS Datasheet HTML 3Page - NXP Semiconductors MMRF1312HS Datasheet HTML 4Page - NXP Semiconductors MMRF1312HS Datasheet HTML 5Page - NXP Semiconductors MMRF1312HS Datasheet HTML 6Page - NXP Semiconductors MMRF1312HS Datasheet HTML 7Page - NXP Semiconductors MMRF1312HS Datasheet HTML 8Page - NXP Semiconductors MMRF1312HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF1312H MMRF1312HS MMRF1312GS
TYPICAL CHARACTERISTICS
1
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain--Source Voltage
10
Crss
Measured with 30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
Note: Each side of device measured separately.
100
30
40
50
IDQ(A+B) = 100 mA
Figure 3. Normalized VGS versus Quiescent
Current and Case Temperature
TC, CASE TEMPERATURE (C)
1.08
1.04
1.02
1
0.98
0.96
100
–50
0
–25
25
50
75
500 mA
1500 mA
VDD =50 Vdc
100
–2.36
IDQ (mA)
Slope (mV/C)
500
–2.26
1500
–1.84
0.92
0.94
1.06
250
109
90
TJ, JUNCTION TEMPERATURE (C)
Figure 4. MTTF versus Junction Temperature — Pulse
Note:
MTTF value represents the total cumulative operating time
under indicated test conditions.
107
106
105
110
130
150
170
190
210
230
108
ID = 26.74 Amps
34.04 Amps
39.03 Amps
VDD =50 Vdc
Pulse Width = 128 sec
10% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com