Electronic Components Datasheet Search
  English  ▼

X  

HCD350 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # HCD350
Description  5V Tight Stability OCXO with Sine Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD350 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  HCD350 Datasheet HTML 1Page - Golledge Electronics Ltd HCD350 Datasheet HTML 2Page - Golledge Electronics Ltd HCD350 Datasheet HTML 3Page - Golledge Electronics Ltd HCD350 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCD350 2/4
v1.0
Frequency range
5.0 ~ 20.0MHz
Dimensions
36.1 x 27.2 x 19.4mm
Frequency stability < ±5x10 per year
< ±1x10 per 10% change in V
Short term stability < ±1x10 over 1 sec
Storage
temperature range
-40 to +90°C
Output waveform
Sine wave, 7dBm (±2dBm) into 50Ω
Frequency
adjustment
±5x10 (typ) over +0.5 to +4.0V
(sufficient for 10 years ageing min)
Stabilised +4.0V supply provided
Power consumption 5.0W max at switch on
1.2W typ when stabilised at 25°C
Warm up
< ±2x10 after 8mins at +20°C
Phase noise (@
10.0MHz)
< -95 dBc/Hz @ 1Hz
< -130 dBc/Hz @ 10Hz
< -140 dBc/Hz @ 100Hz
< -150 dBc/Hz @ 1kHz
< -155 dBc/Hz @ 10kHz
< -155 dBc/Hz @ 100kHz
Harmonics
< -30dB wrt carrier
Shock (IEC 68-2-27
Test Ea)
50g for 11ms
Vibration (IEC 68-
2-06 Test Fc)
10-55Hz, 1.5mm. 55-500Hz, 10g
SPECIFICATIONS
-8
-9
DD
-12
-7
-8
PACKAGE DRAWING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com