Electronic Components Datasheet Search
  English  ▼

X  

HCD360 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD360
Description  12V Tight Stability OCXO with Sine Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD360 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD360 Datasheet HTML 1Page - Golledge Electronics Ltd HCD360 Datasheet HTML 2Page - Golledge Electronics Ltd HCD360 Datasheet HTML 3Page - Golledge Electronics Ltd HCD360 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCD360 1/4
v1.0
HCD360
HCD360
12V Tight Stability OCXO with Sine
12V Tight Stability OCXO with Sine
Output
Output
Temperature stability down to 5ppb
Single 12V supply (15V or 18V optional)
Compact package
Standard European IEC CO-08 pin-out
Custom options available
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Ageing per day (at despatch)
Any
< ±1x10
D
< ±5x10
E
< ±2x10
F
Temperature stability
Any
< ±2x10
P
< ±1x10
R
< ±5x10
S
Operating temperature range
Any
0 to +50°C
A
-10 to +60°C
C
-20 to +70°C
F
-40 to +70°C
G
Supply voltage (V )
Any
+12V (±0.5V)
N
+15V (±0.5V)
P
+18V (±0.5V)
R
-9
-10
-10
-8
-8
-9
DD


Similar Part No. - HCD360

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
OCXO Sine Output
HCD360/DPFN GOLLEDGE-HCD360/DPFN Datasheet
62Kb / 1P
OCXO Sine Output
HCD360/DPFN GOLLEDGE-HCD360/DPFN Datasheet
134Kb / 1P
OCXO Sine Output
HCD360/ERFN GOLLEDGE-HCD360/ERFN Datasheet
62Kb / 1P
OCXO Sine Output
HCD360/ERFN GOLLEDGE-HCD360/ERFN Datasheet
134Kb / 1P
OCXO Sine Output
More results

Similar Description - HCD360

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOT GOLLEDGE-SCOCXOT_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_15 Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
HCD350 GOLLEDGE-HCD350_18 Datasheet
559Kb / 4P
5V Tight Stability OCXO with Sine Output
HCD361 GOLLEDGE-HCD361_18 Datasheet
553Kb / 4P
12V Tight Stability OCXO with HCMOS Output
HCD370 GOLLEDGE-HCD370_18 Datasheet
550Kb / 4P
12V Tight Stability OCXO with Sine Output and Low Profile
SCOCXOWS GOLLEDGE-SCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO Sine Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_18 Datasheet
556Kb / 5P
5V Tight Stability OCXO with Sine Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com