Electronic Components Datasheet Search
  English  ▼

X  

HCD370 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # HCD370
Description  12V Tight Stability OCXO with Sine Output and Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD370 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  HCD370 Datasheet HTML 1Page - Golledge Electronics Ltd HCD370 Datasheet HTML 2Page - Golledge Electronics Ltd HCD370 Datasheet HTML 3Page - Golledge Electronics Ltd HCD370 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCD370 2/4
v1.0
Frequency range
5.0 ~ 20.0MHz
Dimensions
36.1 x 27.2 x 15.5mm
Frequency stability < 5x10 per year
< 1x10 per 10% change in V
Storage
temperature range
-40 to +90°C
Output waveform
Sine wave, 7dBm (±2dBm) into 50Ω
Frequency
adjustment
±5x10 (typ) over +0.5 to +7.0V
(sufficient for 10 years ageing min)
Stabilised +7.0V supply provided
Power consumption 5.0W max at switch on
1.2W typ when stabilised at 25°C
Warm up
< 1x10 after 10mins at +20°C
Allan deviation
(ADEV), 1 sec
< 1x10 (10.0MHz)
Phase noise (@
10.0MHz)
< -95 dBc/Hz @ 1Hz
< -130 dBc/Hz @ 10Hz
< -140 dBc/Hz @ 100Hz
< -150 dBc/Hz @ 1kHz
< -155 dBc/Hz @ 10kHz
< -155 dBc/Hz @ 100kHz
Harmonics
< -30dB wrt carrier
To request a quotation for the HCD370 please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
SPECIFICATIONS
-8
-9
DD
-7
-8
-12
PACKAGE DRAWING
ORDERING INFORMATION
HANDLING & STORAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com