Electronic Components Datasheet Search
  English  ▼

X  

SCOCXOLW Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # SCOCXOLW
Description  3.3V OCXO with CMOS Output and Fast Warm Up
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

SCOCXOLW Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  SCOCXOLW Datasheet HTML 1Page - Golledge Electronics Ltd SCOCXOLW Datasheet HTML 2Page - Golledge Electronics Ltd SCOCXOLW Datasheet HTML 3Page - Golledge Electronics Ltd SCOCXOLW Datasheet HTML 4Page - Golledge Electronics Ltd SCOCXOLW Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCOCXOLW 1/5
v1.0
SCOCXOLW
SCOCXOLW
3.3V OCXO with CMOS Output and
3.3V OCXO with CMOS Output and
Fast Warm Up
Fast Warm Up
Fast warm up times
Low power consumption
Wide operating temperature range
Compact 14-pin DIL package (SMD optional)
High shock and vibration resistance
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Temperature stability (±ppb max)
Any
±0.075ppm max, 0 to +60°C
A
±0.05ppm max, 0 to +60°C
TA
±0.15ppm max, -20 to +70°C
B
±0.075ppm max, -20 to +70°C
TB
±0.25ppm max, -40 to +85°C
C
±0.10ppm max, -40 to +85°C
TC
±0.4ppm max, -55 to +85°C
E
±0.2ppm max, -55 to +85°C
TE
Frequency adjustment
Any
±2.5ppm min
V
Control voltage 0V ~ 3.3V, pin 1
V
Control voltage 0.5V ~ 5.0V, pin 1
R
Variable resistor 0~10kΩ, pins 1 to 7
A
None (int accuracy ±1.0ppm)
B
None (int accuracy ±0.5ppm)
Package
Through hole 14 pin DIL
SMD option D1
D1
SMD option D2
D2


Similar Part No. - SCOCXOLW

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOLWT-A10MHZ MICROCRYSTAL-SCOCXOLWT-A10MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLWT-A12.8MHZ MICROCRYSTAL-SCOCXOLWT-A12.8MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLWT-A14.7456MHZ MICROCRYSTAL-SCOCXOLWT-A14.7456MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLWT-A16.384MHZ MICROCRYSTAL-SCOCXOLWT-A16.384MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLWT-A20MHZ MICROCRYSTAL-SCOCXOLWT-A20MHZ Datasheet
326Kb / 3P
Fast warm-up
More results

Similar Description - SCOCXOLW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCD665 ETC-HCD665 Datasheet
69Kb / 1P
12V OCXO FAST WARM UP
logo
Golledge Electronics Lt...
HCD665 GOLLEDGE-HCD665 Datasheet
66Kb / 1P
OCXO Sine Output - Fast Warm Up
HCD666 GOLLEDGE-HCD666 Datasheet
65Kb / 1P
OCXO HCMOS Output - Fast Warm Up
SCOCXOL GOLLEDGE-SCOCXOL Datasheet
145Kb / 2P
3.3 & 5.0V OCXO CMOS Output Fast Warm Up
SCOCXOLV GOLLEDGE-SCOCXOLV Datasheet
558Kb / 5P
5V OCXO with CMOS Output and Fast Warm Up
HCD665 GOLLEDGE-HCD665_18 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and European Pin-out
HCD666 GOLLEDGE-HCD666_18 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and European Pin-out
HCD685 GOLLEDGE-HCD685 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and US Pin-out
HCD686 GOLLEDGE-HCD686 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and US Pin-out
MCOCXOV GOLLEDGE-MCOCXOV_18 Datasheet
557Kb / 5P
5V OCXO with Fast Warm Up and CMOS Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com