Electronic Components Datasheet Search
  English  ▼

X  

C13806 Datasheet(PDF) 17 Page - Ledil, Inc.

Part # C13806
Description  ~80째 wide beam
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13806 Datasheet(HTML) 17 Page - Ledil, Inc.

Back Button C13806 Datasheet HTML 13Page - Ledil, Inc. C13806 Datasheet HTML 14Page - Ledil, Inc. C13806 Datasheet HTML 15Page - Ledil, Inc. C13806 Datasheet HTML 16Page - Ledil, Inc. C13806 Datasheet HTML 17Page - Ledil, Inc. C13806 Datasheet HTML 18Page - Ledil, Inc. C13806 Datasheet HTML 19Page - Ledil, Inc. C13806 Datasheet HTML 20Page - Ledil, Inc. C13806 Datasheet HTML 21Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
PRODUCT
DATASHEET
C13806_MIRELLA-XW-PF
PHOTOMETRIC DATA (MEASURED):
LED
COB L-Type (LES 9)
FWHM
67.0°
Efficiency
85 %
Peak intensity
0.630 cd/lm
Required components:
C13709_PF-SOCKET-VERO13-18
C12479_MIRELLA-DL
Bender Wirth: 438 Typ L1
LED
COB L-Type (LES 9)
FWHM
68.0°
Efficiency
85 %
Peak intensity
0.640 cd/lm
Required components:
C13709_PF-SOCKET-VERO13-18
C13333_MIRELLA-CL
Bender Wirth: 438 Typ L1
LED
COB L-Type (LES 9)
FWHM
75.0°
Efficiency
93 %
Peak intensity
0.660 cd/lm
Required components:
C14037_PF-NSX-SOCKET
LED
COB L-Type (LES 9)
FWHM
74.0°
Efficiency
89 %
Peak intensity
0.650 cd/lm
Required components:
C13709_PF-SOCKET-VERO13-18
Bender Wirth: 438 Typ L1
Last update: 28/02/2018
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com