Electronic Components Datasheet Search
  English  ▼

X  

AD8611 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8611
Description  Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8611 Datasheet HTML 9Page - Analog Devices AD8611 Datasheet HTML 10Page - Analog Devices AD8611 Datasheet HTML 11Page - Analog Devices AD8611 Datasheet HTML 12Page - Analog Devices AD8611 Datasheet HTML 13Page - Analog Devices AD8611 Datasheet HTML 14Page - Analog Devices AD8611 Datasheet HTML 15Page - Analog Devices AD8611 Datasheet HTML 16Page - Analog Devices AD8611 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8611/AD8612
Rev. B | Page 13 of 20
SPICE Model
* AD8611 SPICE Macro-Model Typical Values
* 1/2000, Ver. 1.0
* TAM/ADSC
*
* Node assignments
*
non-inverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
|
|
|
|
Latch
*
|
|
|
|
|
DGND
*
|
|
|
|
|
|
Q
*
|
|
|
|
|
|
|
QNOT
*
|
|
|
|
|
|
|
|
.SUBCKT AD8611
1
2
99
50
80
51
45
65
*
* INPUT STAGE
*
*
Q1
4
3
5
PIX
Q2
6
2
5
PIX
IBIAS
99
5
800E-6
RC1
4
50
1E3
RC2
6
50
1E3
CL1
4
6
3E-13
CIN
1
2
3E-12
VCM1
99
7
DC
1.9
D1
5
7
DX
EOS
3
1
POLY(1)
(31,98)
1E-3
1
*
* Reference Voltages
*
EREF
98
0
POLY(2)
(99,0)
(50,0)
0
0.5
0.5
RREF
98
0
100E3
*
* CMRR = 66dB, ZERO AT 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com