Electronic Components Datasheet Search
  English  ▼

X  

HMC674LP3E Datasheet(PDF) 12 Page - Analog Devices

Part # HMC674LP3E
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LP3E Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC674LP3E Datasheet HTML 6Page - Analog Devices HMC674LP3E Datasheet HTML 7Page - Analog Devices HMC674LP3E Datasheet HTML 8Page - Analog Devices HMC674LP3E Datasheet HTML 9Page - Analog Devices HMC674LP3E Datasheet HTML 10Page - Analog Devices HMC674LP3E Datasheet HTML 11Page - Analog Devices HMC674LP3E Datasheet HTML 12Page - Analog Devices HMC674LP3E Datasheet HTML 13Page - Analog Devices HMC674LP3E Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
HMC674LC3C/HMC674LP3E
Data Sheet
Rev. K | Page 12 of 14
APPLICATION CIRCUITS
See Figure 15 for the typical application circuit, Table 9 for the bill of materials, and Figure 16 for the output interfacing application circuit.
J8
GND
VEE
12
11
10
1
3
4
9
2
50Ω
50Ω
VEE
PACKAGE
BASE
C6
100pF
TP4
C5
100pF
C7
330pF
C8
100pF
JP1
C13
4.7µF
J1
VCCI
J1
VCCI
C12
4.7µF
C2
100pF
C3
100pF
C4
330pF
C14
4.7µF
C11
330pF
C1
100pF
J1
VEE
TP3
HYS
TP1
VTP
J2
INP
J6
LE
J3
INN
J4
Q
C9
100pF
C10
100pF
JP2
TP2
VTN
J7
LE
J5
Q
J1
VCCO
Figure 15. Typical Application Circuit
Table 9. Bill of Materials for the Evaluation PCB (125929-3)
Item
Description
J1
Eight position vertical header
J2 to J7
2.92 mm, 40 GHz jacks
J8
Terminal strip, single row, 3-pin surface mount (SMT)
JP1, JP2
Two position vertical header
C1 to C3, C5, C6, C8 to C10
100 pF capacitors, 0402 package
C4, C7, C11
330 pF capacitors, 0402 package
C12 to C14
4.7 µF tantalum capacitors
TP1 to TP4
DC pin, swage mount test points
U1
HMC674LC3C/HMC674LP3E comparator
PCB
125929-31 evaluation PCB, circuit board material is Rogers 4350 or Arlon 25FR
1
Reference this number when ordering complete evaluation PCB.
50
Ω
50
Ω
CH1
50
Ω
GND (VTT)
GND (VTT)
CH2
Q
Q
VCM_OUT
~0.9V
VEE = –3.0V
OSCILLOSCOPE INPUT
VCCO = +2.0V
50
Ω
Figure 16. Output Interfacing Application Circuit, Output to Oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com