Electronic Components Datasheet Search
  English  ▼

X  

LTC6957-4 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6957-4
Description  Low Phase Noise, Dual Output Logic Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6957-4 Datasheet(HTML) 2 Page - Analog Devices

  LTC6957-4 Datasheet HTML 1Page - Analog Devices LTC6957-4 Datasheet HTML 2Page - Analog Devices LTC6957-4 Datasheet HTML 3Page - Analog Devices LTC6957-4 Datasheet HTML 4Page - Analog Devices LTC6957-4 Datasheet HTML 5Page - Analog Devices LTC6957-4 Datasheet HTML 6Page - Analog Devices LTC6957-4 Datasheet HTML 7Page - Analog Devices LTC6957-4 Datasheet HTML 8Page - Analog Devices LTC6957-4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC6957-1/LTC6957-2/
LTC6957-3/LTC6957-4
2
6957fb
For more information www.linear.com/LTC6957-1
LTC6957-1, LTC6957-2
LTC6957-3, LTC6957-4
TOP VIEW
DD PACKAGE
12-LEAD (3mm
× 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
SD1
OUT1+
OUT1–
OUT2–
OUT2+
SD2
FILTA
V+
IN+
IN–
GND
FILTB 6
7
13
GND
TJMAX = 150°C, θJA = 58°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
DD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
SD1
VDD
OUT1
OUT2
GNDOUT
SD2
FILTA
V+
IN+
IN–
GND
FILTB 6
7
13
GND
TJMAX = 150°C, θJA = 58°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
LTC6957-1, LTC6957-2
LTC6957-3, LTC6957-4
1
2
3
4
5
6
FILTA
V+
IN+
IN–
GND
FILTB
12
11
10
9
8
7
SD1
OUT1+
OUT1–
OUT2–
OUT2+
SD2
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 145°C/W
1
2
3
4
5
6
FILTA
V+
IN+
IN–
GND
FILTB
12
11
10
9
8
7
SD1
VDD
OUT1
OUT2
GNDOUT
SD2
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 145°C/W
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ or VDD) to GND..........................3.6V
Input Current (IN+, IN–, FILTA, FILTB, SD1, SD2)
(Note 2) .......................................................... ±10mA
LTC6957-1 Output Current ........................ 1mA, –30mA
LTC6957-2 Output Current ................................. ±10mA
LTC6957-3, LTC6957-4 Output Current (Note 3).. ±30mA
(Note 1)
PIN CONFIGURATION
Specified Temperature Range
LTC6957I .............................................–40°C to 85°C
LTC6957H.......................................... –40°C to 125°C
Junction Temperature .......................................... 150°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (for MSOP Soldering, 10sec) ...300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com