Electronic Components Datasheet Search
  English  ▼

X  

PC400N8 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PC400N8
Description  Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PC400N8 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PC400N8 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PC400N8 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DI
ODE
400A Avg 800Volts
PC400N8
PD400N8
■ 回路図 CI RCUI T
■ 外形寸法図 OUTLI NE DRAWING
Di mensi on: [mm]
■ 最大定格 Maxi mumRat i ngs
耐圧クラス Grade
項 目
Parameter
記号
Symbol
PC400N8
/PD400N8
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
900
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.Rated Value
単位
Unit
平均整流電流
*1
Average Rectified
Output Current
Io (AV)
商用周波数180° 通電
Tc=105
℃
Half Sine Wave
400
A
実効順電流
*1
RMS Forward Current
IF(RMS)
630
A
サージ順電流
*1
Surge Forward Current
IFSM
50Hz
正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
8000
A
電流二乗時間積
*1
I Squared t
I2t
2
∼10ms
320000
A2
s
動作接合温度範囲
Operating Junction
Temperature Range
Tjw
-40
∼ +150
℃
保存温度範囲
Storage Temperature Range
Tstg
-40
∼ +125
℃
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC 1min.
2500
V
ベース部
Mounting
サーマルコンパウンド塗布
Greased
M6
2.5
∼ 3.5
N
・m
締付トルク
Mounting
Torque
主端子部
Terminal
F
M8
9.0
∼ 10.0
N
・m
■ 電気的特性 El ectri cal Characteri sti cs
項 目
Parameter
記号
Symbol
条 件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=150
℃,VRM=VRRM
30
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj= 25
℃,IFM=1300A
1.35
V
熱抵抗
*1
Thermal Resistance
Rth(j-c)
接合部−ケース間
Junction to Case
0.08
℃/W
接触熱抵抗
*1
Thermal Resistance
Rth(c-f)
ケース-フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
0.05
℃/W
質 量 ApproximateWeight −−− 約 960g
*1
:1アーム当りの値 ValuePer1Arm.


Similar Part No. - PC400N8

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC400N8 NIEC-PC400N8 Datasheet
364Kb / 2P
400竊?Avg 800 竊턮lts
More results

Similar Description - PC400N8

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com