Electronic Components Datasheet Search
  English  ▼

X  

GPZ532 Datasheet(PDF) 2 Page - Protek Devices

Part # GPZ532
Description  HIGH ENERGY - EXTENDED PULSE TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GPZ532 Datasheet(HTML) 2 Page - Protek Devices

  GPZ532 Datasheet HTML 1Page - Protek Devices GPZ532 Datasheet HTML 2Page - Protek Devices GPZ532 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.protekdevices.com
05028.R3 10/03
GPZ532
thru
GPZ1275
DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
PPM
V
C
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
PEAK PULSE
CURRENT
(See Fig. 2)
I
PPM
AMPS
GPZ532
GPZ1275
40
55
50
60
100
500
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
28
28
MINIMUM
BREAKDOWN
VOLTAGE
32
32
0.2
0.03
V
(BR)
VOLTS
@ I
T
AMPS
Note 1: Maximum V
F = 3.5V @ 100A, 8.3ms (sine wave).
0.1
1
10
100
1,000
10,000
100,000
t
d - Pulse Duration - ms
0.1
1
10
100
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
5kW @ 50ms
2kW @ 50ms
0
1
2
t - Time - ms
0
50
100
TEST
WAVEFORM
PARAMETERS
t
d = 1 ms
FIGURE 2
PULSE WAVE FORM
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
1ms
Average Power
FIGURE 3
POWER DERATING CURVE
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com