Electronic Components Datasheet Search
  English  ▼

X  

GS3044 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS3044
Description  AGC-O with Active Low Cut Filter in a CIC Size Hybrid
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3044 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS3044 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
521 - 90 - 02
5
0
1
2
3
4
5
6
100
1k
10k
FREQUENCY (kHz)
RTH = 0
RTH = 100kΩ
VIN = -40dBV
RVC = 100kΩ
0
5
10
15
20
25
30
35
40
45
100
1k
10k
FREQUENCY (kHz)
RHP = 0
RHP = 100kΩ
RTH = 0
RVC = 100kΩ
VIN = -70dBV
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-140
-120
-100
-80
-60
-40
-20
0
INPUT (dBV)
RVC = 100k
VIN =1kHz
RTH=25k
RTH=100k
RTH=0
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-140
-120
-100
-80
-60
-40
-20
0
INPUT (dBV)
0
1.5k
4.75k
12.1k
25k
50k
RVC = 100k
VIN = 1kHz
RTH=0
Fig. 5 Input vs Output Volume Control Settings
Fig. 6 Input vs Output Threshold Settings
Fig. 7 Frequency Response vs R
TH
Fig. 8 Frequency Response vs R
HF
Fig. 9 THD vs Input
0.1
1
10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
INPUT (dBV)
RVC = 100k
VIN = 1kHz
RTH = 100k
RTH = 0
Fig. 10 THD vs Frequency
TYPICAL PERFORMANCE CURVES
0
5
10
15
20
25
30
35
40
45
100
1k
10k
FREQUENCY (kHz)
RVC = 100k
VIN = -70dBV
RTH=0
RTH=100k
RTH=25k
RTH=50k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com