| Electronic Components Datasheet Search |
|
REF3433-Q1 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3433-Q1 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 28 page ![]() 4 REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1 SBAS901 – JULY 2018 www.ti.com Product Folder Links: REF3425-Q1 REF3430-Q1 REF3433-Q1 REF3440-Q1 REF3450-Q1 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Input voltage IN VREF + 0.05 13 V EN –0.3 IN + 0.3 Output voltage VREF –0.3 5.5 V Output short circuit current 20 mA Temperature Operating, TA –55 150 °C Storage Tstg –65 170 (1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per AEC Q100-002(1) Device HBM ESD Classification Level 2 ±2500 V Charged-device model (CDM), per AEC Q100-011 Device CDM ESD Classification Level C6 ±1500 (1) Dropout voltage 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT IN Supply input voltage (IL = 0 mA, TA = 25°C) VREF + VDO (1) 12 V EN Enable voltage 0 IN V IL Output current –10 10 mA TA Operating temperature –40 25 125 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 7.4 Thermal Information THERMAL METRIC(1) REF34xx-Q1 UNIT DBV (SOT-23) 6 PINS RθJA Junction-to-ambient thermal resistance 185 °C/W RθJC(top) Junction-to-case (top) thermal resistance 156 °C/W RθJB Junction-to-board thermal resistance 29.6 °C/W ψJT Junction-to-top characterization parameter 33.8 °C/W ψJB Junction-to-board characterization parameter 29.1 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance N/A °C/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |