Electronic Components Datasheet Search
  English  ▼

X  

HT46R47 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R47 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R47 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Pad Name
I/O
Options
Description
PD0/PWM
I/O
Pull-high
PD0 or PWM
Bidirectional I/O line. Software instructions determine the CMOS output,
Schmitt trigger input with or without a pull-high resistor (determined by
pull-high options: bit option). The PWM output function is pin-shared with
PD0 (dependent on PWM options).
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or a Crystal (determined by
options) for the internal system clock. In the case of RC operation, OSC2 is
the output terminal for 1/4 system clock.
TEST1
TEST2
TEST3
I
¾
TEST mode input pin
It disconnects in normal operation.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
¾
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current
(Crystal OSC)
3V
No load, fSYS=4MHz
ADC disable
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current
(RC OSC)
3V
No load, fSYS=4MHz
ADC disable
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
IDD3
Operating Current
5V
No load, fSYS=8MHz
ADC disable
¾
35
mA
ISTB1
Standby Current
(WDT Enabled)
3V
No load,
system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(WDT Disabled)
3V
No load,
system HALT
¾¾
1
mA
5V
¾¾
2
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
HT46R47/HT46C47
Rev. 1.30
3
May 3, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com