Electronic Components Datasheet Search
  English  ▼

X  

REL-SW120 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # REL-SW120
Description  KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 120 V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

REL-SW120 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  REL-SW120 Datasheet HTML 1Page - PHOENIX CONTACT REL-SW120 Datasheet HTML 2Page - PHOENIX CONTACT REL-SW120 Datasheet HTML 3Page - PHOENIX CONTACT REL-SW120 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2960371
10/28/2014   Page 1 / 4
Single relay - REL-SW120/F104 - 2960371
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
KAMMRELAIS ®, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 120 V AC
The illustration shows the version
REL-SG 24/F 104
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
40.2 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Coil side
Nominal input voltage UN
120 V AC
Input voltage range in reference to UN
0.8 ... 1.1
Typical response time
4 ms ... 15 ms
Typical release time range
4 ms ... 15 ms
Coil resistance
3500 Ω ±10 %
Contact side
Contact type
Single contact
Contact material
Ag, gold-flashed


Similar Part No. - REL-SW120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
REL-SW230 PHOENIX-REL-SW230 Datasheet
86Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 230 V AC
REL-SW24 PHOENIX-REL-SW24 Datasheet
87Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 24 V AC
More results

Similar Description - REL-SW120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
REL-B104 PHOENIX-REL-B104 Datasheet
89Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 120 V AC
REL-F104 PHOENIX-REL-F104 Datasheet
145Kb / 4P
KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 24 V DC
REL-SG12-24 PHOENIX-REL-SG12-24 Datasheet
131Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 12-24 V DC
REL-SG24 PHOENIX-REL-SG24 Datasheet
157Kb / 4P
KAMMRELAIS 짰, contact B 110, size 2, low-level contact, 4 PDTs, input voltage 24 V DC
REL-SG48 PHOENIX-REL-SG48 Datasheet
89Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 48 V DC
REL-SG60 PHOENIX-REL-SG60 Datasheet
89Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 60 V DC
REL-SG110 PHOENIX-REL-SG110 Datasheet
91Kb / 4P
KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 110 V DC
REL-SG220 PHOENIX-REL-SG220 Datasheet
91Kb / 4P
KAMMRELAIS 짰, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 220 V DC
REL-SW24 PHOENIX-REL-SW24 Datasheet
87Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 24 V AC
REL-SW230 PHOENIX-REL-SW230 Datasheet
86Kb / 4P
KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 230 V AC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com