Electronic Components Datasheet Search
  English  ▼

X  

REL-SW230 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # REL-SW230
Description  KAMMRELAIS 짰, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 230 V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

REL-SW230 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  REL-SW230 Datasheet HTML 1Page - PHOENIX CONTACT REL-SW230 Datasheet HTML 2Page - PHOENIX CONTACT REL-SW230 Datasheet HTML 3Page - PHOENIX CONTACT REL-SW230 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2960054
10/28/2014   Page 2 / 4
Single relay - REL-SW230/B104 - 2960054
Technical data
Contact side
Maximum inrush current
2 A
Limiting continuous current
2 A
Interrupting rating (ohmic load) max.
48 W (at 24 V DC)
40 W (at 48 V DC)
40 W (at 60 V DC)
45 W (at 110 V DC)
50 VA (for 125 V AC)
General
Test voltage relay winding/relay contact
500 V AC (50 Hz, 1 min.)
Test voltage PDT/PDT
500 V AC (50 Hz, 1 min.)
Mechanical service life
Approx. 107 cycles
Classifications
eCl@ss
eCl@ss 4.0
27371104
eCl@ss 4.1
27371104
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 2.0
EC000196
ETIM 3.0
EC000196
ETIM 4.0
EC000196
ETIM 5.0
EC000196
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121515
UNSPSC 11
39121515
UNSPSC 12.01
39121515
UNSPSC 13.2
39121515



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com