Electronic Components Datasheet Search
  English  ▼

X  

ILA7050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ILA7050
Description  LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILA7050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ILA7050 Datasheet HTML 1Page - List of Unclassifed Manufacturers ILA7050 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTEGRAL
CHARACTERISTICS Vp = 3 V; f = 1 kHz; RL = 32 0., Tamb = 25 °C; unless otherwise specified
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage
Vp
1,6
-
6,0
V
Total quiescent current
Itot
-
3,2
4
mA
Bridge-tied load application (BTL); see Fig.4
Output power; note 1
Vp = 3,0 V; diet = 10%
PO
-
140
-
mW
Vp = 4,5 V; diet = 10% (RL = 64 Q)
PO
-
150
-
mW
Voltage gain
GV
-
32
-
dB
Noise output voltage (r.m.s. value)
RS = 5 kQ.-, f = 1 kHz
Vno(rms)
-
140
-
mV
RS = 0 Q; f = 500 kHz; B =5 kHz
Vno(rms)
-
tbf
-
mV
D.C. output offset voltage (at Rs = 5 k
Ω)
l
∆VI
-
-
70
mV
Input impedance (at Rs =
∞)
IZiI
1
-
-
M
Input bias current
Ii
-
40
-
nA
Stereo application;
Output power; note 1
Vp=3,OV;dtot=10%
PO
-
35
-
mW
Vp=4,5V;dtot=10%
PO
-
75
-
mW
Voltage gain
GV
24.5
26
27.5
dB
Noise output voltage (r.m.s. value)
RS = 5 k
Ω; f = 1 kHz
Vno(rms)
-
100
-
mV
RS = 0
Ω; f = 500 kHz; B =5 kHz
Vno(rms)
-
tbf
-
mV
Channel separation
RS = 0
Ω; f = 1 kHz
K
30
40
-
dB
Input impedance (at Rs =
∞)
IZjl
2
-
-
M
Input bias current
Ii
-
20
-
nA
Note
1. Output power is measured directly at the output pins of the IC. It is shown as a function of the supply voltage in Fig.2
(BTL application) and Fig.3 (stereo application).
Àpplication diagram (BTL)
Àpplication diagram (stereo)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com