Electronic Components Datasheet Search
  English  ▼

X  

HCD381 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # HCD381
Description  Very High Frequency OCXO with Ultra-low Phase Noise and CMOS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD381 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  HCD381_18 Datasheet HTML 1Page - Golledge Electronics Ltd HCD381_18 Datasheet HTML 2Page - Golledge Electronics Ltd HCD381_18 Datasheet HTML 3Page - Golledge Electronics Ltd HCD381_18 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCD381 2/4
v1.0
Frequency range
30.0 ~ 100MHz
Dimensions
36.1 x 27.2 x 15.5mm
Frequency stability
< 1 to 5x10 per year
< 5x10 per 10% change in V
Storage
temperature range
-40 to +90°C
Output waveform
CMOS / TTL compatible
Frequency
adjustment
±5x10 (typ) over +0.5 to +6.0V
(sufficient for 10 years ageing min)
Stabilised +6.0V supply provided
Power consumption 4.5W max at switch on
1.0W typ when stabilised at +25°C
Warm up
< 5x10 after 10mins at +25°C
Allan deviation
(ADEV), 1 sec
< 2x10
Phase noise (@
50.0MHz)
< -75 dBc/Hz @ 1Hz
< -105 dBc/Hz @ 10Hz
< -135 dBc/Hz @ 100Hz
< -150 dBc/Hz @ 1kHz
< -160 dBc/Hz @ 10kHz
< -160 dBc/Hz @ 50kHz
Shock (IEC 68-2-27
Test Ea)
50g for 11ms
Vibration (IEC 68-2-
06 Test Fc)
10-55Hz, 1.5mm. 55-500Hz, 10g
SPECIFICATIONS
-7
-9
DD
-7
-8
-11
PACKAGE DRAWING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com