Electronic Components Datasheet Search
  English  ▼

X  

HCD680 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD680
Description  High Performance OCXO with Sine Output and US pin-out
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD680 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD680 Datasheet HTML 1Page - Golledge Electronics Ltd HCD680 Datasheet HTML 2Page - Golledge Electronics Ltd HCD680 Datasheet HTML 3Page - Golledge Electronics Ltd HCD680 Datasheet HTML 4Page - Golledge Electronics Ltd HCD680 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HCD680 1/5
v1.0
HCD680
HCD680
High Performance OCXO with Sine
High Performance OCXO with Sine
Output and US pin-out
Output and US pin-out
Temperature stability down to 1ppb
Single 12V supply (12V ~ 30V optional)
Standard US footprint & pin-out
Custom options available


Similar Part No. - HCD680

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD681 GOLLEDGE-HCD681 Datasheet
553Kb / 4P
HighPerformance OCXOwithCMOS Outputand USpin-out
HCD685 GOLLEDGE-HCD685 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and US Pin-out
HCD686 GOLLEDGE-HCD686 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and US Pin-out
More results

Similar Description - HCD680

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD660 GOLLEDGE-HCD660 Datasheet
66Kb / 1P
OCXO Sine Output High Performance
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO with Sine Output
MCOCXOVS GOLLEDGE-MCOCXOVS_18 Datasheet
556Kb / 5P
5V OCXO with Sine Output
HCD660 GOLLEDGE-HCD660_18 Datasheet
556Kb / 4P
High Performance OCXO with Sine Output and European pin-out
HCD661 GOLLEDGE-HCD661_18 Datasheet
553Kb / 4P
High Performance OCXO with CMOS Output and European pin-out
HCD665 GOLLEDGE-HCD665_18 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and European Pin-out
HCD681 GOLLEDGE-HCD681 Datasheet
553Kb / 4P
HighPerformance OCXOwithCMOS Outputand USpin-out
HCD685 GOLLEDGE-HCD685 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and US Pin-out
HCD686 GOLLEDGE-HCD686 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and US Pin-out
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com