Electronic Components Datasheet Search
  English  ▼

X  

IR2520DS Datasheet(PDF) 2 Page - International Rectifier

Part # IR2520DS
Description  ADAPTIVE BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2520DS Datasheet(HTML) 2 Page - International Rectifier

  IR2520DS Datasheet HTML 1Page - International Rectifier IR2520DS Datasheet HTML 2Page - International Rectifier IR2520DS Datasheet HTML 3Page - International Rectifier IR2520DS Datasheet HTML 4Page - International Rectifier IR2520DS Datasheet HTML 5Page - International Rectifier IR2520DS Datasheet HTML 6Page - International Rectifier IR2520DS Datasheet HTML 7Page - International Rectifier IR2520DS Datasheet HTML 8Page - International Rectifier IR2520DS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IR2520D(S)&(PbF)
2
www.irf.com
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low side output voltage
-0.3
VCC + 0.3
IVCO
Voltage controlled oscillator input current (Note 1)
-5
+ 5
mA
ICC
Supply current (Note 2)
-25
25
mA
dVS/dt
Allowable offset voltage slew rate
-50
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
8-Lead PDIP
—
1
PD=(TJMAX-TA)RthJA
8-Lead SOIC
—
0.625
RthJA
Thermal resistance, junction to ambient
8-Lead PDIP
—
125
8-Lead SOIC
—
200
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions.
V
°C
W
°C/W
Note 1: This IC contains a zener clamp structure between the chip VCO and COM, which has a nominal breakdown voltage
of 6V. Please note that this pin should not be driven by a DC, low impedance power source greater than 6V.
Note 2: This IC contains a zener clamp structure between the chip VCC and COM, which has a nominal breakdown voltage
of 15.6V. Please note that this supply pin should not be driven by a DC, low impedance power source greater than the
VCLAMP specified in the Electrical Characteristics section.
Note 3: Enough current should be supplied into the VCC pin to keep the internal 15.6V zener clamp diode on this pin
regulating its voltage, VCLAMP.
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VCC - 0.7
VCLAMP
VS
Steady state high side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
ICC
Supply current
Note 3
10
mA
RFMIN
Minimum frequency setting resistance
20
140
k
Ω
VVCO
VCO pin voltage
0
5
V
TJ
Junction temperature
-25
125
°C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com