Electronic Components Datasheet Search
  English  ▼

X  

IR2117S Datasheet(PDF) 12 Page - International Rectifier

Part # IR2117S
Description  SINGLE CHANNEL DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2117S Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2117S Datasheet HTML 8Page - International Rectifier IR2117S Datasheet HTML 9Page - International Rectifier IR2117S Datasheet HTML 10Page - International Rectifier IR2117S Datasheet HTML 11Page - International Rectifier IR2117S Datasheet HTML 12Page - International Rectifier IR2117S Datasheet HTML 13Page - International Rectifier IR2117S Datasheet HTML 14Page - International Rectifier IR2117S Datasheet HTML 15Page - International Rectifier IR2117S Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
IR2117(S)/IR2118(S) & (PbF)
12
www.irf.com
0
200
400
600
800
1000
-50-25
0
25
50
75100
125
Temperature (oC)
Figure 14A. V
cc Supply Cur r e nt
vs. Tem perature
M ax.
Typ.
0
200
400
600
800
1000
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 14B. V
cc Supply Cur r e nt
vs . Supply Voltage
M ax.
Typ.
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Figure 15A. Logic "1" (2118 "0") Input Current
vs. Tem perature
Temperature (oC)
M ax.
Typ.
0
20
40
60
80
100
120
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 15B. Logic "1" (2118 "0") Input Current
vs. Supply Voltage
M ax.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com