Electronic Components Datasheet Search
  English  ▼

X  

IR2520 Datasheet(PDF) 6 Page - International Rectifier

Part # IR2520
Description  ADAPTIVE BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2520 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2520 Datasheet HTML 2Page - International Rectifier IR2520 Datasheet HTML 3Page - International Rectifier IR2520 Datasheet HTML 4Page - International Rectifier IR2520 Datasheet HTML 5Page - International Rectifier IR2520 Datasheet HTML 6Page - International Rectifier IR2520 Datasheet HTML 7Page - International Rectifier IR2520 Datasheet HTML 8Page - International Rectifier IR2520 Datasheet HTML 9Page - International Rectifier IR2520 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IR2520D(S)&(PbF)
6
www.irf.com
State Diagram
All values are typical
Power Turned
On
VCCUV Mode
VCC > 12.6V
(VCCUV+)
VCC < 10V
(VCCUV-)
V
= 0V
VCC < 10V
(VCCUV-)
IQCC
≅ 45
-Bridge Off
1/
2
Crest Factor > 5.0
(CSCF)
or
V
< 0.82V
(V
)
V
= 0V
Frequency Sweep Mode
VCO ramps up, frequency ramps down
Crest Factor Disabled
V
= 5.1V
RUN Mode
V
= 6.0V, Frequency = fmin
Crest Factor Enabled
ZVS Enabled
If non-ZVS detected then V
decreases
and frequency increases to maintain ZVS
FAULT
Mode
V
= 0V
ZVS Disabled
VCO
VCO
FMIN
FMIN
VCO
FMIN
VCO
VCOSD
µA
V
>4.8V
VCO
(V
_RUN)
VCO
-Bridge Off
1/2
V
= 0V
VCO
100
QCCFLT ≅
I
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com