Electronic Components Datasheet Search
  English  ▼

X  

IR3086M Datasheet(PDF) 13 Page - International Rectifier

Part # IR3086M
Description  PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086M Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3086M Datasheet HTML 7Page - International Rectifier IR3086M Datasheet HTML 8Page - International Rectifier IR3086M Datasheet HTML 9Page - International Rectifier IR3086M Datasheet HTML 10Page - International Rectifier IR3086M Datasheet HTML 11Page - International Rectifier IR3086M Datasheet HTML 12Page - International Rectifier IR3086M Datasheet HTML 13Page - International Rectifier IR3086M Datasheet HTML 14Page - International Rectifier IR3086M Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IR3086
Page 13 of 15
9/1/03
The IR3086 has the ability to detect if a phase stops switching and can provide this information to the system through
the PHSFLT output pin. If a phase stops switching its output current will drop to zero and the output of its IR3086
current sense amp will be the DACIN voltage. The Share Adjust Amplifier reacts to this by increasing the Ramp Slope
Adjust current until it exceeds the externally programmable PWM Ramp bias current. This will cause the voltage at the
PWMRMP pin to drop below its normal operating range. The Fault Comparator trips and drives the PHSFLT output to
ground when the voltage on the PWMRMP pin falls below 91% of the DACIN voltage. PHSFLT is an open-collector
output and should be pulled up to a voltage source through a resistor.
APPLICATIONS INFORMATION
RVFB
0.1uF
CCS+
RCS+
0.1uF
CIN
IR3086
PHASE
IC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
POWERGOOD
PHASE FAULT
VRHOT
VOUT-
VOUT SENSE-
VOUT SENSE+
VOUT+
RVDRP
DISTRIBUTION
IMPEDANCE
COUT
0.1uF
CCS+
0.1uF
RBIASIN
IR3086
PHASE
IC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
0.1uF
CCS-
RCS-
RPWMRMP
CSCOMP
10
RCS+
0.1uF
0.1uF
CCS+
RCS-
RBIASIN
IR3086
PHASE
IC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
10
0.1uF
CCS-
RPWMRMP
CSCOMP
RCS+
RBIASIN
RCS-
CCS-
0.1uF
CCS+
0.1uF
IR3086
PHASE
IC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
CCS-
RCS-
RBIASIN
RPWMRMP
CSCOMP
10
0.1uF
RCS+
CSCOMP
10
0.1uF
RPWMRMP
0.1uF
0.1uF
IR3086
PHASE
IC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
CCS+
CCS-
RCS-
RBIASIN
CSCOMP
10
0.1uF
RCS+
RPWMRMP
RSHARE
CVDAC
RVDAC
0.1uF
ROSC
RVFB
10
ROCSET
RVDRP
IR3081
CONTROL
IC
OSCDS
1
VID5
2
VID0
3
VID1
4
VID2
5
VID3
6
VID4
7
VBIAS
21
BBFB
20
EAOUT
19
FB
18
VDRP
17
IIN
16
OCSET
15
0.1uF
12V
VID3
VID4
VID1
VID5
ENABLE
VID2
VID0
Figure 7 – 5 Phase IR3081/3086 EVRD10 Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com