Electronic Components Datasheet Search
  English  ▼

X  

ABS10A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ABS10A
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ABS10A Datasheet(HTML) 4 Page - Diodes Incorporated

  ABS10A Datasheet HTML 1Page - Diodes Incorporated ABS10A Datasheet HTML 2Page - Diodes Incorporated ABS10A Datasheet HTML 3Page - Diodes Incorporated ABS10A Datasheet HTML 4Page - Diodes Incorporated ABS10A Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ABS10A
Document number: DS39083 Rev. 2 - 2
4 of 5
www.diodes.com
March 2017
© Diodes Incorporated
ABS10A
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOPA-4
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOPA-4
SOPA-4
Dim
Min
Max
Typ
A1
--
0.20
--
A2
1.20
1.50
--
b
0.50
0.70
--
c
0.15
0.25
--
D
4.80
5.30
--
E
6.00
6.80
--
E1
4.20
4.60
--
e
3.80
4.20
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
4.00
X
1.00
X1
5.00
Y
1.45
Y1
6.90
A2
E
e
b
c
E1
D
A1
Seating Plane
C
X
Y
X1
Y1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com