Electronic Components Datasheet Search
  English  ▼

X  

DBF210 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DBF210
Description  2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DBF210 Datasheet(HTML) 1 Page - Diodes Incorporated

  DBF210 Datasheet HTML 1Page - Diodes Incorporated DBF210 Datasheet HTML 2Page - Diodes Incorporated DBF210 Datasheet HTML 3Page - Diodes Incorporated DBF210 Datasheet HTML 4Page - Diodes Incorporated DBF210 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DBF210
Document number: DS39301 Rev. 3 - 2
1 of 5
www.diodes.com
January 2018
© Diodes Incorporated
DBF210
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF (V)
IR (μA)
1000
2
1.0
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment,
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Miniature Package Saves Space on PC Boards
Low Leakage Current
Ideal for SMT Manufacturing
Low Forward Voltage Drop
Surge Overload Rating to 70A Peak
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DBF
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.214 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DBF210-13
Commercial
DBF
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Green
Top View
Internal Schematic
DBF210 = Product Type Marking Code
= Manufacturers’ Code Marking
YMD = Date Code Marking
Y = Last Digit of Year (ex: 7 = 2017)
M = See Month/Code Table Below
D = Day 1~9 =1~9; Day 10~31= A~V
DBF210
YMD


Similar Part No. - DBF210

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DBF210 ZSELEC-DBF210 Datasheet
162Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DBF210

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABF2010-ABF YFWDIODE-ABF2010-ABF Datasheet
419Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS201-ABS-LBF YFWDIODE-ABS201-ABS-LBF Datasheet
420Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1F-20-ABF YFWDIODE-TB1F-20-ABF Datasheet
417Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
ABS210 DIODES-ABS210 Datasheet
337Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
HDS20M DIODES-HDS20M Datasheet
492Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
DONGGUAN YOU FENG WEI E...
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB20B SKTECHNOLGY-MSB20B Datasheet
493Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
FTB1S-20 FS-FTB1S-20 Datasheet
510Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
YBS2001 FS-YBS2001 Datasheet
614Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
AiT Semiconductor Inc.
ABS201 AITSEMI-ABS201 Datasheet
517Kb / 5P
BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com