Electronic Components Datasheet Search
  English  ▼

X  

LM4041C Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM4041C
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041C Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4041C Datasheet HTML 10Page - Texas Instruments LM4041C Datasheet HTML 11Page - Texas Instruments LM4041C Datasheet HTML 12Page - Texas Instruments LM4041C Datasheet HTML 13Page - Texas Instruments LM4041C Datasheet HTML 14Page - Texas Instruments LM4041C Datasheet HTML 15Page - Texas Instruments LM4041C Datasheet HTML 16Page - Texas Instruments LM4041C Datasheet HTML 17Page - Texas Instruments LM4041C Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
1-Hz rate
VZ
LM4041-1.2
RS 30 kW
VIN
IR
(+)
(−)
V
2 V/step
LM4041 (Adj)
Output Capacitor
SOT-23 and SC-70 Pin Connections
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146C – FEBRUARY 2005 – REVISED MAY 2005
Figure 12. Startup Characteristics Test Circuit
Figure 13. Reverse Characteristics Test Circuit
The LM4041 does not require an output capacitor across CATHODE and ANODE for stability. However, if an
output bypass capacitor is desired, the LM4041 is designed to be stable with all capacitive loads.
There is a parasitic Schottky diode connected between pins 2 and 3 of the SOT-23 packaged device. Thus, pin 3
of the SOT-23 package must be left floating or connected to pin 2. Similarly, pin 2 of the SC-70 package also
must be left floating or connected to pin 1.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com