Electronic Components Datasheet Search
  English  ▼

X  

LM5109 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5109
Description  100V / 1A Peak Half Bridge Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5109 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5109 Datasheet HTML 1Page - National Semiconductor (TI) LM5109 Datasheet HTML 2Page - National Semiconductor (TI) LM5109 Datasheet HTML 3Page - National Semiconductor (TI) LM5109 Datasheet HTML 4Page - National Semiconductor (TI) LM5109 Datasheet HTML 5Page - National Semiconductor (TI) LM5109 Datasheet HTML 6Page - National Semiconductor (TI) LM5109 Datasheet HTML 7Page - National Semiconductor (TI) LM5109 Datasheet HTML 8Page - National Semiconductor (TI) LM5109 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Switching Characteristics
Specifications in standard typeface are for T
J = +25˚C, and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS = 0V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LM5109
t
LPHL
Lower Turn-Off Propagation Delay (LI
Falling to LO Falling)
27
56
ns
t
HPHL
Upper Turn-Off Propagation Delay (HI
Falling to HO Falling)
27
56
ns
t
LPLH
Lower Turn-On Propagation Delay (LI
Rising to LO Rising)
29
56
ns
t
HPLH
Upper Turn-On Propagation Delay (HI
Rising to HO Rising)
29
56
ns
t
MON
Delay Matching: Lower Turn-On and
Upper Turn-Off
2
15
ns
t
MOFF
Delay Matching: Lower Turn-Off and
Upper Turn-On
2
15
ns
t
RC,tFC
Either Output Rise/Fall Time
C
L = 1000 pF
15
-
ns
t
PW
Minimum Input Pulse Width that
Changes the Output
50
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. Pin 6 , Pin 7 and Pin 8 are rated at 500V.
Note 3: 4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm ground and power
planes embedded in PCB. See Application Note AN-1187.
Note 4: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 5: The
θJA is not a constant for the package and depends on the printed circuit board design and the operating conditions.
Note 6: In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally not exceed -1V.
However in some applications, board resistance and inductance may result in the HS node exceeding this stated voltage transiently.
If negative transients occur on HS, the HS voltage must never be more negative than VDD - 15V. For example, if VDD = 10V, the negative transients at HS must not
exceed -5V.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com