Electronic Components Datasheet Search
  English  ▼

X  

LT6013 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6013
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6013 Datasheet(HTML) 3 Page - Linear Technology

  LT6013 Datasheet HTML 1Page - Linear Technology LT6013 Datasheet HTML 2Page - Linear Technology LT6013 Datasheet HTML 3Page - Linear Technology LT6013 Datasheet HTML 4Page - Linear Technology LT6013 Datasheet HTML 5Page - Linear Technology LT6013 Datasheet HTML 6Page - Linear Technology LT6013 Datasheet HTML 7Page - Linear Technology LT6013 Datasheet HTML 8Page - Linear Technology LT6013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6013/LT6014
3
60134fa
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; unless otherwise specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 8)
LT6013AS8
10
35
µV
TA = 0°C to 70°C
q
60
µV
TA = –40°C to 85°C
q
75
µV
LT6013S8, LT6014AS8
20
60
µV
TA = 0°C to 70°C
q
85
µV
TA = –40°C to 85°C
q
110
µV
LT6013ADD
20
60
µV
TA = 0°C to 70°C
q
110
µV
TA = –40°C to 85°C
q
150
µV
LT6014S8
20
75
µV
TA = 0°C to 70°C
q
100
µV
TA = –40°C to 85°C
q
125
µV
LT6013DD, LT6014ADD
30
85
µV
TA = 0°C to 70°C
q
135
µV
TA = –40°C to 85°C
q
170
µV
LT6014DD
30
125
µV
TA = 0°C to 70°C
q
175
µV
TA = –40°C to 85°C
q
210
µV
∆VOS/∆T
Input Offset Voltage Drift (Note 6)
S8 Packages
q
0.2
0.8
µV/°C
DD Packages
q
0.2
1.4
µV/°C
IOS
Input Offset Current (Note 8)
LT6013AS8, LT6013ADD
100
250
pA
TA = 0°C to 70°C
q
500
pA
TA = –40°C to 85°C
q
600
pA
LT6014AS8, LT6014ADD
100
500
pA
TA = 0°C to 70°C
q
600
pA
TA = –40°C to 85°C
q
700
pA
LT6013/LT6014 (Standard grades)
150
800
pA
TA = 0°C to 70°C
q
1000
pA
TA = –40°C to 85°C
q
1200
pA
IB
Input Bias Current (Note 8)
LT6013AS8, LT6013ADD
100
±250
pA
TA = 0°C to 70°C
q
±500
pA
TA = –40°C to 85°C
q
±600
pA
LT6013S8, LT6013DD, LT6014AS8, LT6014ADD
100
±400
pA
TA = 0°C to 70°C
q
±600
pA
TA = –40°C to 85°C
q
±800
pA
LT6014S8, LT6014DD
150
±800
pA
TA = 0°C to 70°C
q
±1000
pA
TA = –40°C to 85°C
q
±1200
pA
en
Input Noise Voltage Density
f = 1kHz, LT6013/LT6014
9.5
nV/
√Hz
f = 1kHz, LT6013A/LT6014A
9.5
13
nV/
√Hz
Input Noise Voltage (Low Frequency) Bandwidth = 0.01Hz to 1Hz
200
nVP-P
50
nVRMS
Bandwidth = 0.1Hz to 10Hz
200
nVP-P
40
nVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com