Electronic Components Datasheet Search
  English  ▼

X  

LT6211 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6211
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6211 Datasheet(HTML) 2 Page - Linear Technology

  LT6211 Datasheet HTML 1Page - Linear Technology LT6211 Datasheet HTML 2Page - Linear Technology LT6211 Datasheet HTML 3Page - Linear Technology LT6211 Datasheet HTML 4Page - Linear Technology LT6211 Datasheet HTML 5Page - Linear Technology LT6211 Datasheet HTML 6Page - Linear Technology LT6211 Datasheet HTML 7Page - Linear Technology LT6211 Datasheet HTML 8Page - Linear Technology LT6211 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT6210/LT6211
62101f
S6 PART
MARKING*
Total Supply Voltage (V+ to V–) ........................... 13.2V
Input Current .................................................
±10mA
Output Current ..............................................
±80mA
Output Short-Circuit Duration (Note 2) ........... Indefinite
Operating Temperature Range (Note 3) ... –40
°C to 85°C
Specified Temperature Range (Note 4) .... –40
°C to 85°C
ORDER PART
NUMBER
LT6210CS6
LT6210IS6
TJMAX = 150°C, θJA = 230°C/ W (NOTE 5)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
*The temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OUT 1
V– 2
+IN 3
6 V+
5 ISET
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
+
–
LTA3
Junction Temperature (Note 5) ............................ 150
°C
Junction Temperature (DD Package) ................... 125
°C
Storage Temperature Range ................. –65
°C to 150°C
Storage Temperature Range
(DD Package) ................................... –65
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
10
9
6
7
8
4
5
3
2
1
V+
OUT B
–IN B
+IN B
ISET B
OUT A
–IN A
+IN A
ISET A
V–
+
–
+
–
1
2
3
4
5
OUT A
–IN A
+IN A
ISET A
V–
10
9
8
7
6
V+
OUT B
–IN B
+IN B
ISET B
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
+
–
+
–
TJMAX = 150°C, θJA = 120°C/ W (NOTE 5)
TJMAX = 125°C, θJA = 43°C/ W (NOTE 5)
DD PART
MARKING*
ORDER PART
NUMBER
LT6211CDD
LT6211IDD
LBCD
MS PART
MARKING
ORDER PART
NUMBER
LT6211CMS
LT6211IMS
LTBBN
LTBBP
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com