Electronic Components Datasheet Search
  English  ▼

X  

LT6014ACDD Datasheet(PDF) 8 Page - Linear Technology

Part # LT6014ACDD
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014ACDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6014ACDD Datasheet HTML 4Page - Linear Technology LT6014ACDD Datasheet HTML 5Page - Linear Technology LT6014ACDD Datasheet HTML 6Page - Linear Technology LT6014ACDD Datasheet HTML 7Page - Linear Technology LT6014ACDD Datasheet HTML 8Page - Linear Technology LT6014ACDD Datasheet HTML 9Page - Linear Technology LT6014ACDD Datasheet HTML 10Page - Linear Technology LT6014ACDD Datasheet HTML 11Page - Linear Technology LT6014ACDD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6013/LT6014
8
60134fa
TYPICAL PERFOR A CE CHARACTERISTICS
Distribution of Input Offset Voltage
Input Offset Voltage
vs Temperature
Offset Voltage
vs Input Common Mode Voltage
Input Bias Current vs Temperature
Input Bias Current
vs Input Common Mode Voltage
–25
INPUT OFFSET VOLTAGE (
µV)
0
5
15
20
25
60134 G01
10
30
VS = 5V, 0V
TA = 25°C
LT6013AS8
–45 –35
–15
–5
5
15
25
35
45
TEMPERATURE (
°C)
–50
–125
–100
–50
–25
0
125
50
0
50
75
60134 G02
–75
75
100
25
–25
25
100
125
VS = 5V, 0V
REPRESENTATIVE UNITS
INPUT COMMON MODE VOLTAGE (V)
1000
900
800
600
400
200
700
500
300
100
0
60134 G03
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
5.0
4.5
TEMPERATURE (
°C)
–50
–800
–600
–200
0
50
800
60134 G05
–400
0
–25
75
100
25
125
200
400
600
VS = 5V, 0V
TYPICAL PART
INPUT COMMON MODE VOLTAGE (V)
0
–400
–300
–200
–100
0
100
200
400
300
0.5 1.0 1.5 2.0
60134 G06
2.5 3.0 3.5 4.0 4.5
VS = 5V, 0V
TA = 85°C
TA = 25°C
TA = –40°C
INPUT BIAS CURRENT (pA)
–175
0
5
15
30
35
20
25
–75
25
–25
60134 G04
10
–125
75
125 175
LT6013AS8
Distribution of Input Bias Current
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those beyond which the life of the
device may be impaired.
Note 2: The inputs are protected by back-to-back diodes and internal
series resistors. If the differential input voltage exceeds 10V, the input
current must be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
Note 4: The LT6013C/LT6014C and LT6013I/LT6014I are guaranteed
functional over the operating temperature range of – 40
°C to 85°C.
Note 5: The LT6013C and LT6014C are guaranteed to meet the specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet specified performance from – 40
°C to 85°C but is not
tested or QA sampled at these temperatures. The LT6013I and LT6014I are
guaranteed to meet specified performance from –40
°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Matching parameters are the difference between the two
amplifiers.
∆CMRR and ∆PSRR are defined as follows: (1) CMRR and
PSRR are measured in
µV/V for the individual amplifiers. (2) The
difference between matching amplifiers is calculated in
µV/V. (3) The
result is converted to dB.
Note 8: The specifications for VOS, IB, and IOS depend on the grade and on
the package. The following table clarifies the notations.
STANDARD GRADE
A GRADE
S8 Package
LT6013S8, LT6014S8
LT6013AS8, LT6014AS8
DFN Package
LT6013DD, LT6014DD
LT6013ADD, LT6014ADD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com