Electronic Components Datasheet Search
  English  ▼

X  

LT6234CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6234CS8
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6234CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6234CS8 Datasheet HTML 2Page - Linear Technology LT6234CS8 Datasheet HTML 3Page - Linear Technology LT6234CS8 Datasheet HTML 4Page - Linear Technology LT6234CS8 Datasheet HTML 5Page - Linear Technology LT6234CS8 Datasheet HTML 6Page - Linear Technology LT6234CS8 Datasheet HTML 7Page - Linear Technology LT6234CS8 Datasheet HTML 8Page - Linear Technology LT6234CS8 Datasheet HTML 9Page - Linear Technology LT6234CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT6233/LT6233-10/
LT6234/LT6235
6
623345f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6233S6, LT6233S6-10
100
500
µV
LT6234S8, LT6235GN
50
350
µV
LT6234DD
75
450
µV
Input Offset Voltage Match
100
450
µV
(Channel-to-Channel) (Note 6)
IB
Input Bias Current
1.5
3
µA
IB Match (Channel-to-Channel) (Note 6)
0.04
0.3
µA
IOS
Input Offset Current
0.04
0.3
µA
Input Noise Voltage
0.1Hz to 10Hz
220
nVP-P
en
Input Noise Voltage Density
f = 10kHz
1.9
3.0
nV/
√Hz
in
Input Noise Current Density, Balanced Source
f = 10kHz, RS = 10k
0.43
pA/
√Hz
Unbalanced Source
f = 10kHz, RS = 10k
0.78
pA/
√Hz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V
q
95
dB
Minimum Supply Voltage (Note 7)
q
3V
VOL
Output Voltage Swing LOW (Note 8)
No Load
q
50
mV
ISINK = 5mA
q
195
mV
VS = 5V, ISINK = 15mA
q
370
mV
VS = 3.3V, ISINK = 10mA
q
275
mV
VOH
Output Voltage Swing HIGH (Note 6)
No Load
q
60
mV
ISOURCE = 5mA
q
210
mV
VS = 5V, ISOURCE = 15mA
q
445
mV
VS = 3.3V, ISOURCE = 10mA
q
335
mV
ISC
Short-Circuit Current
VS = 5V
q
±30
mA
VS = 3.3V
q
±20
mA
IS
Supply Current per Amplifier
q
1.46
mA
Disabled Supply Current per Amplifier
ENABLE = V+ – 0.2V
q
1
µA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
q
–100
µA
VL
ENABLE Pin Input Voltage LOW
q
0.3
V
VH
ENABLE Pin Input Voltage HIGH
q
V+ – 0.2V
V
Output Leakage Current
ENABLE = V+ – 0.2V, VO = 1.5V to 3.5V
q
1
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k, VS = 5V
q
500
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k, VS = 5V
q
135
µs
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 0.5V to 4.5V
q
8V/
µs
LT6233-10, AV = –10, RL = 1k,
q
70
V/
µs
VO = 0.5V to 4.5V
FPBW
Full Power Bandwidth (Note 9)
LT6233, VS = 5V, VOUT = 3VP-P
q
848
kHz
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over –40°C < T
A < 85°C
temperature range. VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply, ENABLE = 0V, unless otherwise noted. (Note 5)
TA = 25°C, VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com