Electronic Components Datasheet Search
  English  ▼

X  

URELG2 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # URELG2
Description  The illustration shows versions with a different no. of positions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

URELG2 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  URELG2 Datasheet HTML 1Page - PHOENIX CONTACT URELG2 Datasheet HTML 2Page - PHOENIX CONTACT URELG2 Datasheet HTML 3Page - PHOENIX CONTACT URELG2 Datasheet HTML 4Page - PHOENIX CONTACT URELG2 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
URELG 2 Order No.: 2820262
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2820262
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Mar 15, 2010
Nominal voltage UN
400 V (voltage is determined by the coupling connector.)
Nominal current IN
16 A (current is determined by the coupling connector.)
Color
gray
Insulating material
PA
Depth
42.5 mm
Width with lid
14.6 mm
Height with coupling plug NS 35/7,5
112 mm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Type of connection
Screw connection
Stripping length
9 mm
Screw thread
M3
Certificates / Approvals
Certification
GOST
Accessories
Item
Designation
Description
Assembly
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7,5 DIN rail
Bridges
2820916
DB 50- 90 BK
Wire bridge, Color: black
2821180
DB 50- 90 BU
Wire bridge, Color: blue
2820929
DB 50- 90 GY
Wire bridge, Color: gray



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com