Electronic Components Datasheet Search
  English  ▼

X  

MSB30M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MSB30M
Description  3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MSB30M Datasheet(HTML) 1 Page - Diodes Incorporated

  MSB30M Datasheet HTML 1Page - Diodes Incorporated MSB30M Datasheet HTML 2Page - Diodes Incorporated MSB30M Datasheet HTML 3Page - Diodes Incorporated MSB30M Datasheet HTML 4Page - Diodes Incorporated MSB30M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSB30M
Document number: DS38866 Rev. 3 - 2
1 of 5
www.diodes.com
November 2016
© Diodes Incorporated
MSB30M
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF (V)
IR (μA)
1000
3.0
1.1
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment,
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Compact, Thin Profile Package Design
Reliable Robust Construction
Ideal for SMT Manufacturing
Rated at 1000V PRV
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: MSBL
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: As marked on Body
Weight: 0.216 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
MSB30M-13
Commercial
MSBL
2,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Green
Top View
Internal Schematic
MB30M= Product Type Marking Code
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 = 2016)
WW = Week Code (01 to 53)
_
+
~
~
YWW
MB30M
Pin Diagram
Pin 1


Similar Part No. - MSB30M

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MSB30M YFWDIODE-MSB30M Datasheet
527Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jiangsu High diode Semi...
MSB30M HDSEMI-MSB30M Datasheet
1Mb / 3P
DBF Plastic-Encapsulate Bridge Rectifier
logo
Microdiode Semiconducto...
MSB30M CHENDA-MSB30M Datasheet
1Mb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
MSB30M CHENDA-MSB30M Datasheet
556Kb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MSB30M YFWDIODE-MSB30M Datasheet
464Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - MSB30M

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 18
logo
Zibo Seno Electronic En...
DB301S ZSELEC-DB301S Datasheet
73Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB30KH DIODES-MSB30KH Datasheet
506Kb / 5P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
RDBF31 DIODES-RDBF31 Datasheet
581Kb / 5P
3.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rev 2
logo
DONGGUAN YOU FENG WEI E...
DB302S YFWDIODE-DB302S Datasheet
440Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UMSB30B YFWDIODE-UMSB30B Datasheet
460Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com