Electronic Components Datasheet Search
  English  ▼

X  

RDBF31 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # RDBF31
Description  3.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RDBF31 Datasheet(HTML) 3 Page - Diodes Incorporated

  RDBF31 Datasheet HTML 1Page - Diodes Incorporated RDBF31 Datasheet HTML 2Page - Diodes Incorporated RDBF31 Datasheet HTML 3Page - Diodes Incorporated RDBF31 Datasheet HTML 4Page - Diodes Incorporated RDBF31 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RDBF31-RDBF310
Document number: DS39412 Rev. 2 - 2
3 of 5
www.diodes.com
June 2018
© Diodes Incorporated
RDBF31-RDBF310
Fig.3 Maximum Non-Repetitive Surge Current
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (Per Leg)
-55
℃
25
℃
150
℃
125
℃
85
℃
100
℃
1
10
100
0
20
40
60
80
100
V
R, REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance
f=1MHz
0.0001
0.001
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
Fig.5 Typical Reverse Characteristics
150
℃
-55
℃
25
℃
125
℃
85
℃
100
℃
V
R, PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
Note 5
0%
20%
40%
60%
80%
100%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com