Electronic Components Datasheet Search
  English  ▼

X  

RDBF251 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # RDBF251
Description  2.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RDBF251 Datasheet(HTML) 2 Page - Diodes Incorporated

  RDBF251 Datasheet HTML 1Page - Diodes Incorporated RDBF251 Datasheet HTML 2Page - Diodes Incorporated RDBF251 Datasheet HTML 3Page - Diodes Incorporated RDBF251 Datasheet HTML 4Page - Diodes Incorporated RDBF251 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RDBF251-RDBF2510
Document number: DS39411
Rev. 2 - 2
2 of 5
www.diodes.com
June 2018
© Diodes Incorporated
RDBF251-RDBF2510
Maximum Ratings and Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RDBF251
RDBF252
RDBF254
RDBF256
RDBF258
RDBF2510
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Rectified Output Current (Note 5) @
TC = +110°C
IO
2.5
A
Non-Repetitive Peak Forward Surge Current,
8.3ms
Single Half Sine-Wave Superimposed on
Rated Load
IFSM
75
A
I
2
t Rating for Fusing (1ms < t < 8.3ms)
I
2
t
23.34
A
2
S
Max Forward Voltage (Per Element)
@IF=2.5A
VFM
1.3
V
Maximum Reverse Recovery Time (Note 7)
tRR
150
250
500
ns
Peak Reverse Current
@TA=+25℃
At Rated DC Blocking Voltage @TA=+125℃
(Note 8)
IR
5.0
500
µA
Total Capacitance (Per Element) (Note 9)
CT
30
pF
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient (Note 6)
(Per Element)
RθJA
35
°C/W
Typical Thermal Resistance, Junction to Case (Per Element)
RθJC
7.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on glass epoxy PC board with 1.3mm
2 solder pad.
6. Device mounted on glass epoxy substrate with 1oz/ft
2, 30mmx30mm copper pad per pin.
7. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
8. Short duration pulse test used to minimize self-heating effect.
9. Measured with VR = 4.0VDC, f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com