Electronic Components Datasheet Search
  English  ▼

X  

UABF1510 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # UABF1510
Description  1.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UABF1510 Datasheet(HTML) 2 Page - Diodes Incorporated

  UABF1510 Datasheet HTML 1Page - Diodes Incorporated UABF1510 Datasheet HTML 2Page - Diodes Incorporated UABF1510 Datasheet HTML 3Page - Diodes Incorporated UABF1510 Datasheet HTML 4Page - Diodes Incorporated UABF1510 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UABF1510
Document number: DS39876 Rev. 3 - 2
2 of 5
www.diodes.com
July 2018
© Diodes Incorporated
UABF1510
Maximum Ratings and Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1000
V
RMS Reverse Voltage
VR(RMS)
700
V
Average Rectified Output Current (Note 5) @ TC = +100°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
I
2
t Rating for Fusing (1ms < t < 8.3ms)
I
2
t
10.375
A
2
S
Maximum Forward Voltage (Per Element)
@IF = 1.5A
VFM
1.3
V
Maximum Reverse Recovery Time (Note 6)
tRR
160
ns
Peak Reverse Current
@TA = +25°C
At Rated DC Blocking Voltage (Note 7)
@TA = +125°C
IR
5.0
200
μA
Typical Total Capacitance (Per Element) (Note 8)
CT
17
pF
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient (Note 5)
(Per Element)
RθJA
80
°C/W
Typical Thermal Resistance, Junction to Lead (Per Element)
RθJL
25
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on aluminum substrate PC board with 1.3mm
2
solder pad.
6. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A.
7. Short duration pulse test used to minimize self-heating effect.
8. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com