Electronic Components Datasheet Search
  English  ▼

X  

MAX9313 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9313
Description  1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9313 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9313 Datasheet HTML 1Page - Maxim Integrated Products MAX9313 Datasheet HTML 2Page - Maxim Integrated Products MAX9313 Datasheet HTML 3Page - Maxim Integrated Products MAX9313 Datasheet HTML 4Page - Maxim Integrated Products MAX9313 Datasheet HTML 5Page - Maxim Integrated Products MAX9313 Datasheet HTML 6Page - Maxim Integrated Products MAX9313 Datasheet HTML 7Page - Maxim Integrated Products MAX9313 Datasheet HTML 8Page - Maxim Integrated Products MAX9313 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1:10 Differential LVPECL/LVECL/HSTL
Clock and Data Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC - VEE = +2.25V to +3.8V, outputs loaded with 50
Ω ±1% to VCC - 2V, CLKSEL = high or low, unless otherwise noted.) (Notes 1–4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC - VEE...............................................................................4.1V
Inputs (CLK_, CLK_, CLKSEL)..............VEE - 0.3V to VCC + 0.3V
CLK_ to CLK_ ....................................................................±3.0V
Continuous Output Current .................................................50mA
Surge Output Current........................................................100mA
VBB Sink/Source Current ...............................................±0.65mA
Junction-to-Ambient Thermal Resistance in Still Air
7mm x 7mm LQFP .....................................................+90°C/W
Junction-to-Ambient Thermal Resistance with
500 LFPM Airflow
7mm x 7mm LQFP .....................................................+60°C/W
Junction-to-Case Thermal Resistance
7mm x 7mm LQFP .....................................................+12°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ESD Protection
Human Body Model (CLKSEL, CLK_, CLK_,
Q_, Q_, VBB).......................................................................2kV
Soldering Temperature (10s) ...........................................+300°C
-40°C
+25°C
+85°C
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
SINGLE-ENDED INPUT (CLKSEL)
MAX9311
VCC
- 1.23
VCC
VCC
- 1.23
VCC
VCC
- 1.23
VCC
Input High
Voltage
VIH
Internal
VBB
threshold
MAX9313
VCC
- 1.165
VCC
VCC
- 1.165
VCC
VCC
- 1.165
VCC
V
MAX9311
VEE
VCC
- 1.62
VEE
VCC
- 1.62
VEE
VCC
- 1.62
Input Low
Voltage
VIL
Internal
VBB
threshold
MAX9313
VEE
VCC
- 1.475
VEE
VCC
- 1.475
VEE
VCC
- 1.475
V
Input High
Current
IIH
150
150
150
µA
Input Low
Current
IIL
-10
+10
-10
+10
-10
+10
µA
DIFFERENTIAL INPUTS (CLK_, CLK_)
MAX9311
VCC
- 1.23
VCC
VCC
- 1.23
VCC
VCC
- 1.23
VCC
Single-Ended
Input High
Voltage
VIH
VBB
connected
to CLK_
(VIL for VBB
connected
to CLK_),
Figure 1
MAX9313
VCC
- 1.165
VCC
VCC
- 1.165
VCC
VCC
- 1.165
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com