Electronic Components Datasheet Search
  English  ▼

X  

MIP515 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP515
Description  Silicon MOSFET type Integrated Circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP515 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP515 Datasheet HTML 1Page - Panasonic Semiconductor MIP515 Datasheet HTML 2Page - Panasonic Semiconductor MIP515 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Intelligent Power Devices (IPDs)
1
Publication date: April 2002
SLB00022AED
MIP515
Silicon MOSFET type Integrated Circuit
I Features
• Built-in five protection functions (over-current, over-voltage, load-
short-circuit, over heat, ESD)
• Both DC and AC power suply are available
I Applications
• Lamp, solenoid drive
• Motor drive
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Output voltage
VDS
− 0.5 to +45
V
Output current
IO
2A
Input voltage
VIN
− 0.5 to +6.0
V
Input current
IIN
±5mA
Power dissipation *
PD
1W
Operating ambient temperature
Topr
−40 to +85
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Block Diagram
5.0±0.2
0.7±0.1
4.0±0.2
2.54±0.15
(1.27)
(1.27)
0.45
+0.15
–0.1
0.45
+0.15
–0.1
13
2
Marking Symbol: MIP515
Unit: mm
1: Source
2: Drain
3: In
TO-92NL-A1 Package
Note) *: Mounting on the PCB (100 mm
× 100 mm × 1.7 mm, glass epoxy substrate).
Drain
Source
Over-voltage
protection
Load short-circuit
protection
Gate cut-off circuit
ESD
protection
Over-heat
protection
In
1
2
3
Over-current
protection


Similar Part No. - MIP515

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP514 PANASONIC-MIP514 Datasheet
66Kb / 3P
Silicon MOSFET type Integrated Circuit
MIP516 PANASONIC-MIP516 Datasheet
71Kb / 3P
Silicon MOSFET type integrated circuit
MIP517 PANASONIC-MIP517 Datasheet
76Kb / 3P
Silicon MOSFET type integrated circuit
More results

Similar Description - MIP515

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP516 PANASONIC-MIP516 Datasheet
71Kb / 3P
Silicon MOSFET type integrated circuit
MIP517 PANASONIC-MIP517 Datasheet
76Kb / 3P
Silicon MOSFET type integrated circuit
MIP514 PANASONIC-MIP514 Datasheet
66Kb / 3P
Silicon MOSFET type Integrated Circuit
logo
Rohm
BD3481FS ROHM-BD3481FS Datasheet
296Kb / 6P
Silicon monolithic integrated circuit
BD3487FS ROHM-BD3487FS Datasheet
326Kb / 6P
Silicon Monolithic Integrated Circuit
BUXXTD3WG ROHM-BUXXTD3WG Datasheet
150Kb / 5P
Silicon Monolithic Integrated Circuit CMOS-type Series Regulator
logo
Panasonic Battery Group
MIP0040MFL PANASONICBATTERY-MIP0040MFL Datasheet
574Kb / 9P
Silicon MOSFET type Integrated Circuit
MIP2F20MTSCF PANASONICBATTERY-MIP2F20MTSCF Datasheet
237Kb / 7P
Silicon MOS type integrated circuit
logo
Panasonic Semiconductor
MIP2M40MS PANASONIC-MIP2M40MS Datasheet
667Kb / 8P
Silicon MOS FET type integrated circuit
20100202
MIP0254SP PANASONIC-MIP0254SP Datasheet
379Kb / 3P
Silicon MOS type integrated circuit
June 2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com