Electronic Components Datasheet Search
  English  ▼

X  

ACPL-844 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-844
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-844 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-844 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-844 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

ACPL-8x4
Multi-Channel Full-Pitch Phototransistor Optocoupler
Data Sheet
Features
• Currenttransferratio
(CTR:min.20%atIF=±1mA,VCE=5V)
• Highinput-outputisolationvoltage
(VISO=5,000VRMS)
• Responsetime
(tr:typ.4µsatVCE=2V,IC=2mA,RL=100W)
• Compactdual-in-linepackage
• Safetyandregulatoryapprovals
- CSA
- UL1577
- IEC/EN/DINEN60747-5-2
• Optionsavailable:
–Leadswith0.4”(10.16mm)spacing(W00)
–Leadbendforsurfacemounting(300)
–TapeandreelforSMD(500)–(ACPL-824only)
–IEC/EN/DINEN60747-5-2approved(060)
–Lead-Free(000E)
Applications
• I/OInterfaceforProgrammablecontrollers,computers
• Sequencecontrollers
• Systemappliances,measuringinstruments
• Signaltransmissionbetweencircuitsofdifferent
potentialsandimpedances.
Description
The ACPL-824 is an AC-input dual channel full-pitch
phototransistor optocoupler which contains four light
emittingdiode optically coupled to two separate
phototransistor.Itispackagedina8-pinDIPpackage.
Likewise,theACPL-844isanAC-inputquadchannelfull-
pitch phototransistor optocoupler which contains eight
light emitting diode optically coupled to four separate
phototransistor.Itispackagedina16-pinDIPpackage
For both types, it is also available in wide-lead spacing
option and lead bend SMD option with input-output
isolationvoltageat5000Vrms.Responsetime,tr,istypically
4µsandCTRis20%to300%.
ACPL-824 pin layout
1 2 3 4
8 7 6 5
• Pin1,3
AnodeorCathode
• Pin2,4
CathodeorAnode
• Pin5,7
Emitter
• Pin6,8
Collector
• Pin1,3,5,7
AnodeorCathode
• Pin2,4,6,8
CathodeorAnode
• Pin9,11,13,15
Emitter
• Pin10,12,14,16
Collector
1 2 3 4
16 15 14 13
5 6 7 8
12 11 10 9
ACPL-844 pin layout
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - ACPL-844

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-844-000E AVAGO-ACPL-844-000E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-844-060E AVAGO-ACPL-844-060E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-844-300E AVAGO-ACPL-844-300E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-844-360E AVAGO-ACPL-844-360E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-844-W00E AVAGO-ACPL-844-W00E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-844

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
ACPL-844-000E AVAGO-ACPL-844-000E Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com