Electronic Components Datasheet Search
  English  ▼

X  

PD4M441H Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # PD4M441H
Description  MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PD4M441H Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  PD4M441H Datasheet HTML 1Page - Kyocera Kinseki Corpotation PD4M441H Datasheet HTML 2Page - Kyocera Kinseki Corpotation PD4M441H Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■定格・特性曲線
50
40
30
20
10
0
02468
10
12
DRAIN TO SOURCE VOLTAGE VDS (V)
TC=25℃ 250μs Pulse Test
10V
6V
4V
VGS=5V
Fig. 1 Typical Output Characteristics
12
10
8
6
4
2
0
1
2
5
10
20
50
100
DRAIN TO SOURCE VOLTAGE VDS (V)
VGS=0V f=1kHz
Ciss
Coss
Crss
Fig. 4 Typical Capacitance
Fig. 4 Vs. Drain-Source Voltage
1000
500
100
200
50
20
10
12
5
10
20
50
RG=7Ω VDD=250V TC=25℃ 80μs Pulse Test
DRAIN CURRENT ID (A)
td(off)
td(on)
tr
tf
Fig. 7 Typical Switching Time
Fig. 7 Vs. Drain Current
200
50
100
20
10
5
0.5
1
2
0.2
1
2
5
10
20
50
100
500
200
1000
DRAIN TO SOURCE VOLTAGE VDS (V)
TC=25℃ Tj=150℃MAX Single Pulse
10μs
1ms
10ms
DC
100μs
−441H −440H
Operation in this area
is limited by RDS (on)
Fig. 10 Maximum Safe Operating Area
8
6
4
2
0
0
4
8
12
16
GATE TO SOURCE VOLTAGE VGS (V)
TC=25℃ 250μs Pulse Test
15A
10A
ID=30A
Fig. 2 Typical Drain-Source On-Voltage
Fig. 2 Vs. Gate-Source Voltage
16
12
8
4
0
0
40
80
120
160
200
240
TOTAL GATE CHRAGE Qg (nC)
ID=20A
VDD=100V
250V
400V
Fig. 5 Typical Gate Charge
Fig. 5 Vs. Gate-Source Voltage
60
50
40
30
20
10
0
0
0.4
0.8
1.2
1.6
SOURCE TO DRAIN VOLTAGE VSD (V)
250μs Pulse Test
Tj=125℃
Tj=25℃
Fig. 8 Typical Source-Drain Diode Forward
Fig. 8 Characteristics
10
-2
2
10
0
5
2
10
-1
5
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
PULSE DURATION t (s)
Per Unit Base
Rth(j-c)=0.56℃/W
1 Shot Pulse
Fig. 11-1
Normalized Transient Thermal
impedance(MOSFET)
16
12
8
4
0
-40
0
40
80
120
160
JUNCTION TEMPERATURE Tj ( )
VGS=10V 250μs Pulse Test
15A
10A
ID=30A
℃
Fig. 3 Typical Drain-Source On Voltage
Fig. 3 Vs. Junction Temperature
5
2
0.5
1
0.2
0.1
0.05
2
5
10
20
50
100
200
ID=15A VDD=250V TC=25℃ 80μs Pulse Test
SERIES GATE IMPEDANCE RG ( )
Ω
toff
ton
Fig. 6 Typical Switching Time
Fig. 6 Vs. Series Gate impedance
500
200
50
100
20
10
5
0
100
200
300
400
500
600
-dis/dt (A/
μs)
trr
IR
IS=30A  IS=15A Tj=150℃
Fig. 9 Typical Reverse Recovery Characteristics
10
-2
2
10
0
5
2
10
-1
5
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
PULSE DURATION t (s)
Per Unit Base
Rth(j-c)=2.0℃/W
1 Shot Pulse
Fig. 11-2
Normalized Transient Thermal
impedance(DIODE)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com