Electronic Components Datasheet Search
  English  ▼

X  

MPC9330 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9330
Description  3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9330 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9330 Datasheet HTML 1Page - Motorola, Inc MPC9330 Datasheet HTML 2Page - Motorola, Inc MPC9330 Datasheet HTML 3Page - Motorola, Inc MPC9330 Datasheet HTML 4Page - Motorola, Inc MPC9330 Datasheet HTML 5Page - Motorola, Inc MPC9330 Datasheet HTML 6Page - Motorola, Inc MPC9330 Datasheet HTML 7Page - Motorola, Inc MPC9330 Datasheet HTML 8Page - Motorola, Inc MPC9330 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9330/D
Rev 1, 01/2002
1
© Motorola, Inc. 2002
Product Preview
3.3V/2.5V 1:6 LVCMOS PLL
Clock Generator
The MPC9330 is a 3.3V or 2.5V compatible, 1:6 PLL based clock
generator targeted for high performance low-skew clock distribution in
mid-range to high-performance telecomm, networking and computing
applications. With output frequencies up to 200 MHz and output skews
less than 150 ps1 the device meets the needs of the most demanding
clock applications. The MPC9330 is specified for the extended
temperature range of –40
°C to +85°C.
Features
• 1:6 PLL based low-voltage clock generator
• 2.5V or 3.3V power supply
• Generates clock signals up to 200 MHz
• Maximum output skew of 150 ps1
• On-chip crystal oscillator clock reference
• Alternative LVCMOS PLL reference clock input
• Internal and external PLL feedback
• PLL multiplies the reference clock by 4x, 3x, 2x, 1x, 4/3x, 3/2x, 2/3x, x/2,
x/3 or x/4
• Supports zero-delay operation in external feedback mode
• Synchronous output clock stop in logic low eliminates output runt pulses
• Power_down feature reduces output clock frequency
• Drives up to 12 clock lines
• 32 lead LQFP packaging
• Ambient temperature range –40°C to +85°C
• Pin and function compatible to the MPC930
Functional Description
The MPC9330 utilizes PLL technology to frequency lock its outputs onto an input reference clock. Normal operation of the
MPC9330 requires either the selection of internal PLL feedback or the connection of one of the device outputs to the feedback
input to close the PLL feedback path in external feedback mode. The reference clock frequency and the divider for the feedback
path determine the VCO frequency. Both must be selected to match the VCO frequency range. In external PLL feedback
configuration and with the available post-PLL dividers (divide-by-2, divide-by-4 and divide-by-6), the internal VCO of the
MPC9330 is running at either 4x, 8x, 12x, 16x or 24x of the reference clock frequency. In internal feedback configuration
(divide-by-16) the internal VCO is running 16x of the reference frequency. The frequency of the QA, QB, QC output banks is a
division of the VCO frequency and can be configured independently for each output bank using the FSELA, FSELB and FSELC
pins, respectively. The available output to input frequency ratios are 4x, 3x, 2x, 1x, 4/3x, 3/2x, 2/3x, x/2, x/3 or x/4.
The REF_SEL pin selects the internal crystal oscillator or the LVCMOS compatible input as the reference clock signal. The
PLL_EN control selects the PLL bypass configuration for test and diagnosis. In this configuration, the selected input reference
clock is routed directly to the output dividers bypassing the PLL. The PLL bypass is fully static and the minimum clock frequency
specification and all other PLL characteristics do not apply.
The outputs can be disabled (high-impedance) by deasserting the OE/MR pin. In the PLL configuration with external feedback
selected, deasserting OE/MR causes the PLL to loose lock due to missing feedback signal presence at FB_IN. Asserting OE/MR
will enable the outputs and close the phase locked loop, enabling the PLL to recover to normal operation. The MPC9330 output
clock stop control allows the outputs to start and stop synchronously in the logic low state, without the potential generation of runt
pulses.
The MPC9330 is fully 2.5V and 3.3V compatible and requires no external loop filter components. All inputs (except XTAL)
accept LVCMOS signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
W
transmission lines. For series terminated transmission lines, each of the MPC9330 outputs can drive one or two traces giving the
devices an effective fanout of 1:12. The device is packaged in a 7x7 mm2 32-lead LQFP package.
1. Design target, pending final characterization.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
FA SUFFIX
32 LEAD LQFP PACKAGE
CASE 873A
MPC9330
3.3V/2.5V 1:6 LVCMOS
PLL CLOCK GENERATOR


Similar Part No. - MPC9330

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
More results

Similar Description - MPC9330

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com