Electronic Components Datasheet Search
  English  ▼

X  

CYCLOPS Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # CYCLOPS
Description  Stripping tool, for conductors and cables of 0 to 11 mm diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CYCLOPS Datasheet(HTML) 1 Page - PHOENIX CONTACT

  CYCLOPS Datasheet HTML 1Page - PHOENIX CONTACT CYCLOPS Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1204481
08.08.2012   Page 1 / 2
Stripping tool - CYCLOPS - 1204481
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Stripping tool, for conductors and cables of 0 to 11 mm diameter
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 396 (CL-2002)
GTIN
Custom tariff number
82032000
Country of origin
UNITED KINGDOM
Technical data
General
Length (b)
91 mm
Color
silver
Weight
0.04 kg
Classifications
eclass
eCl@ss 4.0
21040602
eCl@ss 4.1
21040602
eCl@ss 5.0
21040602
eCl@ss 5.1
21040602
eCl@ss 6.0
21040602
eCl@ss 7.0
19170112
etim
ETIM 2.0
EC001186
ETIM 3.0
EC001186
ETIM 4.0
EC001186


Similar Part No. - CYCLOPS

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
Cyclone II Device Family
More results

Similar Description - CYCLOPS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
QUICK-WIREFOX-16 PHOENIX-QUICK-WIREFOX-16 Datasheet
82Kb / 3P
Stripping tool, for conductors and cables of 6.0 to 16.0 mm diameter
WIREFOX-2 PHOENIX-WIREFOX-2 Datasheet
55Kb / 3P
Stripping tool, for conductors and cables of 0.08 to 2.5 mm diameter
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
WIREFOX-16-1 PHOENIX-WIREFOX-16-1 Datasheet
50Kb / 2P
Stripping pliers, for cables and conductors with a cross section of 6 ??16 mm짼, self-adjusting, any stripping length, also suitable for sensor/actuator cables
WIREFOX-D-16 PHOENIX-WIREFOX-D-16 Datasheet
51Kb / 2P
Stripping tool, for stripping lines (specially for fiber optics lines) of 횠 4 - 16 mm
WIREFOX-D-28 PHOENIX-WIREFOX-D-28 Datasheet
51Kb / 3P
Stripping tool, for stripping lines of 횠 8 - 28 mm
1212507 PHOENIX-1212507 Datasheet
47Kb / 2P
Stripping tool, for 2.5 - 6 mm짼 solar cables, 8.5 mm stripping length, for MC3, MC4 and SOLARLOK contacts
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
Stripping tool, for the multi-level stripping of shielded cables
1212160 PHOENIX-1212160 Datasheet
52Kb / 2P
Stripping tool - WIREFOX-D 11
logo
Weidmuller
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com