Electronic Components Datasheet Search
  English  ▼

X  

MSK164 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSK164
Description  ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK164 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSK164 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK164 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK164 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK164 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK164 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
FEATURES:
MIL-PRF-38534 QUALIFIED
ISO-9001 CERTIFIED BY DSCC
EQUIVALENT SCHEMATIC
M.S.KENNEDY CORP.
The MSK 164 is an ultra high voltage monolithic MOSFET operational amplifier ideally suited for electrostatic
transducer and electrostatic deflection applications. With a total supply voltage rating of 350 volts and 60mA of
available output current, the MSK 164 is also an excellent low cost choice for high voltage piezo drive circuits. The
MOSFET output frees the MSK 164 from secondary breakdown limitations and power dissipation is kept to a mini-
mum with a quiescent current rating of only 2mA. The MSK 164 has user adjustable compensation and output null
pins and is packaged in a 14 pin power dip with bolt down tabs.
DESCRIPTION:
Monolithic MOS Technology
External Compensation And Null Capability
High Voltage Operation : 350V
Low Quiescent Current : 2mA Max.
High Output Current : 60mA Min.
No Second Breakdown
High Speed : 40V/µS Typ.
Low Cost
14
13
12
11
10
9
8
PIN-OUT INFORMATION
1
2
3
4
5
6
7
TYPICAL APPLICATIONS
Piezo Electric Positioning
Electrostatic Deflection
Computer to Vacuum Tube Interface
Ultra High Voltage Op-Amp Applications
Balance 1
Balance 2
-Vcc
+Vcc
Output Drive
Comp 1
Comp 2
Non-Inverting Input
Inverting Input
N/C
N/C
N/C
N/C
Current Sense
ULTRA HIGH VOLTAGE
OPERATIONAL AMPLIFIER
164
MSK164
Rev. A 8/00
1


Similar Part No. - MSK164

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161 Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161B MSK-MSK161B Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161E MSK-MSK161E Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161 MSK-MSK161_15 Datasheet
153Kb / 6P
Electrically Isolated Case
logo
List of Unclassifed Man...
MSK162 ETC-MSK162 Datasheet
398Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
More results

Similar Description - MSK164

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
76Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
Ultra High Speed Operational Amplifier
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
Ultra High Speed Operational Amplifier?
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
logo
List of Unclassifed Man...
MSK103 ETC-MSK103 Datasheet
405Kb / 5P
ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
MSK162 ETC-MSK162 Datasheet
398Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
MSK166 ETC1-MSK166 Datasheet
458Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK165 MSK-MSK165 Datasheet
388Kb / 5P
ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
Ultra Low Offset Voltage Operational Amplifier
November 2004
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
70Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com