Electronic Components Datasheet Search
  English  ▼

X  

ACPL-217 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-217
Description  DC Input, Half-Pitch Phototransistor Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-217 Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-217 Datasheet HTML 1Page - Broadcom Corporation. ACPL-217 Datasheet HTML 2Page - Broadcom Corporation. ACPL-217 Datasheet HTML 3Page - Broadcom Corporation. ACPL-217 Datasheet HTML 4Page - Broadcom Corporation. ACPL-217 Datasheet HTML 5Page - Broadcom Corporation. ACPL-217 Datasheet HTML 6Page - Broadcom Corporation. ACPL-217 Datasheet HTML 7Page - Broadcom Corporation. ACPL-217 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Broadcom
- 4 -
ACPL-217
Data Sheet
Electrical Specifications (DC)
Over recommended ambient temperature at 25°C unless otherwise specified.
Figure 1 Switching Time Test Circuit
Figure 2 Frequency Response Test Circuit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Note
Forward Voltage
VF
—1.2
1.4
V
IF = 20 mA
Figure 6
Reverse Current
IR
—
—
10
μA
VR = 5V
Terminal Capacitance
Ct
—
30
—
pF
V = 0, f = 1 MHz
Collector Dark Current
ICEO
—
—
100
nA
VCE = 48V, IF = 0 mA
Figure 12
Collector-Emitter Breakdown Voltage
BVCEO
80
—
—
V
IC = 0.5 mA, IF = 0 mA
Emitter-Collector Breakdown Voltage
BVECO
7—
—
V
IE = 100 μA, IF = 0 mA
Current Transfer Ratio
CTR
50
—
600
%
IF = 5 mA, VCE = 5V
CTR = (IC/IF) * 100%
Saturated CTR
CTR(sat)
—
100
—
%
IF = 1 mA, VCE = 0.4V
Collector-Emitter Saturation Voltage
VCE(sat)
—
—
0.4
V
IF = 8 mA, IC = 2.4 mA
Figure 14
Isolation Resistance
RISO
5 x 1010
1 x 1011
—
Ω
DC500V, R.H. 40~60%
Floating Capacitance
CF
—
0.6
1
pF
V = 0, f = 1 MHz
Cut-off Frequency (–3 dB)
FC
—80
—
kHz
VCC = 5V, IC = 2 mA, RL = 100Ω
Figure 2, Figure 19
Response Time (Rise)
tr
—2
—
μs
VCC = 10V, IC = 2 mA, RL = 100Ω
Figure 1
Response Time (Fall)
tf
—3
—
μs
Turn-on Time
ton
—3
—
μs
Turn-off Time
toff
—3
—
μs
Turn-ON Time
tON
—2
—
μs
VCC = 5V, IF = 16 mA, RL = 1.9 kΩ
Figure 1, Figure 17
Storage Time
TS
—25
—
μs
Turn-OFF Time
tOFF
—40
—
μs
Common Mode Rejection Voltage
CMR
—
10
—
kV/μs TA = 25°C, RL = 470Ω,
VCM = 1.5 kV(peak), IF = 0 mA,
VCC = 9V, Vnp = 100 mV
Figure 20
IF
RL
VCC
VCE
IF
VCE
ton
toff
90%
10%
tr
tf
ts
IF
VCE
ton
toff
90%
10%
tr
tf
ts
RL
VCC
Output
RD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com