Electronic Components Datasheet Search
  English  ▼

X  

FPF2487 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2487
Description  Dual Channel Over-Voltage Protection Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2487 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2487 Datasheet HTML 1Page - ON Semiconductor FPF2487 Datasheet HTML 2Page - ON Semiconductor FPF2487 Datasheet HTML 3Page - ON Semiconductor FPF2487 Datasheet HTML 4Page - ON Semiconductor FPF2487 Datasheet HTML 5Page - ON Semiconductor FPF2487 Datasheet HTML 6Page - ON Semiconductor FPF2487 Datasheet HTML 7Page - ON Semiconductor FPF2487 Datasheet HTML 8Page - ON Semiconductor FPF2487 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
February 2015
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2487 • Rev. 1.4
FPF2487
Dual Channel Over-Voltage Protection Load Switch
Features
Dual Channel Power Switch (V
BUS and VIF)
Surge Protection under IEC 61000-4-5
-
VBUS: ±100 V
-
VIF: ± 40 V
Input Voltage Range
-
VBUS: 2.5 V ~ 23 V
-
VIF: 3.1 V ~ 5.5 V
Max. Continuous Current Capability
-
VBUS: 2.5 A
-
VIF: 6 A
Ultra Low On-Resistance
-
VBUS: Typ. 33 m
Ω
-
VIF: Typ. 11 m
Ω
Over-Voltage Protection
-
VBUS: 5.95 V ± 50 mV
-
VIF: 5.25 V ± 250 mV
LDO Output based V
BUS_DET for VBUS Detection
Active Low Control for V
BUS Path
OTG Functionality on V
BUS Path
Conditional Active High Control for V
IF Path
Reverse-Current Blocking for V
IF Path
Applications
Mobile Handsets and Tablets
Wearable Devices
Description
The FPF2487 features a 2-channel power switch, which
offers surge protection and Over-Voltage Protection
(OVP),
to
protect
downstream
components
and
enhancing overall system robustness.
Channel one (VBUS) is an active-low, 28 V/2.5 A rated,
power
MOSFET
switch
with
an
internal
clamp
supporting ±100 V surge protection, highly accurate
fixed OVP at 5.95 V (±50 mV), and OTG functionality.
Channel two (VIF) is a conditional active-high, 6 V/6 A
rated, power MOSFET switch with an integrated TVS
supporting ±40 V surge protection and fixed OVP at
5.25 V (±250 mV). VIF also provides Reverse Current
Blocking (RCB) during its OFF state to minimize
leakage current.
VBUS_DET is paired with always ON LDO to power
downstream devices even with VBUS is greater than
2.5 V, even when disabled through the ONB pin. This
provides power sequence control or a host controlled
configuration in system.
The FPF2487 is available in a 15-bump, 1.6 mm x
2.2 mm Wafer-Level Chip-Scale Package (WLCSP) with
0.4 mm pitch.
Related Resources
 http://www.fairchildsemi.com/
Ordering Information
Part Number
Operating Temperature
Range
Top Mark
Package
Packing
Method
FPF2487UCX
-40°C
– +85°C
GX
15-Ball, 0.4 mm Pitch WLCSP
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com