Electronic Components Datasheet Search
  English  ▼

X  

FPF2595 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2595
Description  Over-Voltage, Over-Current Protection Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2595 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2595 Datasheet HTML 1Page - ON Semiconductor FPF2595 Datasheet HTML 2Page - ON Semiconductor FPF2595 Datasheet HTML 3Page - ON Semiconductor FPF2595 Datasheet HTML 4Page - ON Semiconductor FPF2595 Datasheet HTML 5Page - ON Semiconductor FPF2595 Datasheet HTML 6Page - ON Semiconductor FPF2595 Datasheet HTML 7Page - ON Semiconductor FPF2595 Datasheet HTML 8Page - ON Semiconductor FPF2595 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
March 2016
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2595 • Rev. 1.4
FPF2595
IntelliMAX™ 28 V, Over-Voltage, Over-Current Protection
Load Switch with Adjustable Current-Limit Control
Features
V
IN: 2.5 V~5.5 V
28 V Absolute Ratings at V
OUT
Current Capability: 3.9 A
- Typ 0.1 A~3.5 A with 10% Accuracy
R
ON: Typ. 35 m
Ω & Max. 50 mΩ at 5 VIN and
1 A IOUT
Output OVP: Min.=5.6 V, Typ.=5.8 V, Max.=6 V
No Output Discharge During Off State
Open-Drain OCP on FLAGB
Thermal Shutdown
Under-Voltage Lockout (UVLO)
True Reverse-Current Blocking (TRCB)
Logic CMOS IO Meets JESD76 Standard for
GPIO Interface and Related Power Supply
Requirements
ESD Protected:
- Human Body Model: >2 kV
- Charged Device Model: >1.0 kV
- IEC 61000-4-2 Air Discharge: >15 kV
- IEC 61000-4-2 Contact Discharge: >8 kV
Applications
Type C Power Source Switch
Computing, Monitor
Portable Devices
Description
The FPF2595 advanced load-management switch
targets applications requiring a highly integrated
solution. It disconnects loads powered from the DC
power rail (<6 V) with stringent off-state current
targets and high load capacitances (<100 µF). The
FPF2595 consists of a slew-rate controlled low-
impedance MOSFET switch (35
mΩ typical) and
integrated analog features. The slew-rate controlled
turn-on characteristic prevents inrush current and the
resulting excessive voltage droop on power rails.
FPF2595 has over-voltage protection and over-
temperature protection.
The FPF2595 has a True Reverse-Current Blocking
(TRCB) function that obstructs unwanted reverse
current from VOUT to VIN during ON and OFF states.
The exceptionally low off-state current drain (<2 µA
maximum) facilitates compliance with standby power
requirements. The input voltage range operates from
2.5 V to 5.5 VDC to support a wide range of
applications in consumer, optical, medical, storage,
portable, and industrial-device power management.
Switch control is managed by a logic input (active
HIGH) capable of interfacing directly with low-voltage
control signal / General-Purpose Input / Output
(GPIO) without an external pull-down resistor.
The device is packaged in advanced, fully
“green”
compliant, 1.3 mm x 1.8 mm, Wafer-Level Chip-Scale
Packages (WLCSP).
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
Top Mark
FPF2595UCX
-40 to 85°C
12-Ball, WLCSP, 3x4 Array, 0.4 mm Pitch,
250 µm Ball, Wafer-Level Chip-Scale
Package (WLCSP)
Tape & Reel
TY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com