Electronic Components Datasheet Search
  English  ▼

X  

FPF2895C Datasheet(PDF) 3 Page - ON Semiconductor

Part # FPF2895C
Description  28 V / 5 A Rated Current Limit Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2895C Datasheet(HTML) 3 Page - ON Semiconductor

  FPF2895C Datasheet HTML 1Page - ON Semiconductor FPF2895C Datasheet HTML 2Page - ON Semiconductor FPF2895C Datasheet HTML 3Page - ON Semiconductor FPF2895C Datasheet HTML 4Page - ON Semiconductor FPF2895C Datasheet HTML 5Page - ON Semiconductor FPF2895C Datasheet HTML 6Page - ON Semiconductor FPF2895C Datasheet HTML 7Page - ON Semiconductor FPF2895C Datasheet HTML 8Page - ON Semiconductor FPF2895C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FPF2895C •
Rev 1
3
Pin Configuration
Pin Configuration (Top View)
Pin Configuration (Bottom View)
Figure 3.
24 Ball WL_CSP, 4 x 6 Array, 0.4 mm Pitch, 250 μm Ball
Pin Definitions
Name
Bump
Type
Description
VIN
C3, D3, D4, E3, E4,
F3, F4
Input/Supply Switch Input and Device Supply
VOUT
C2, D1, D2, E1, E2,
F1, F2
Output
Switch Output to Load
NC
A1
Dummy
Recommended to connect to GND
ON
A2
Input
Internal pull-down resistor of 1 MΩ is included. Active polarity
is depending on POL state.(1)
POL
A4
Input
Enable Polarity Selection. Internal pull-up of 1 MΩ is included.
HIGH (or Floating): Active LOW
LOW: Active HIGH (1)
FLAGB
A3
Output
Active LOW, open drain output indicates an over-current,
under-voltage, over-voltage, or over-temperature state.
ISET
C1
Input
A resistor from ISET to ground set the current limit for the
switch. See below selection table 1.
OC_MODE
B2
Input
OCP behavior can be selected. Internal pull-up of 1 MΩ is
included.
HIGH (or Floating): Auto-restart mode during over-current
condition.
LOW: Current source mode during over-current condition. (1)
OV1
B3
Input
Over-Voltage Selection Input 1. Internal pull-up of 1 MΩ is
included and see below selection table 2.(1)
OV2
C4
Input
Over-Voltage Selection Input 2. Internal pull-up of 1 MΩ is
included and see Table 2.(1)
GND
B1, B4
GND
Device Ground
Note:
1.
To avoid external noise influence when floating, recommend to connect these pins to a certain level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com