Electronic Components Datasheet Search
  English  ▼

X  

AD8468 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8468
Description  Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8468 Datasheet(HTML) 4 Page - Analog Devices

  AD8468 Datasheet HTML 1Page - Analog Devices AD8468 Datasheet HTML 2Page - Analog Devices AD8468 Datasheet HTML 3Page - Analog Devices AD8468 Datasheet HTML 4Page - Analog Devices AD8468 Datasheet HTML 5Page - Analog Devices AD8468 Datasheet HTML 6Page - Analog Devices AD8468 Datasheet HTML 7Page - Analog Devices AD8468 Datasheet HTML 8Page - Analog Devices AD8468 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8468
Data Sheet
Rev. A | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltages
Supply Voltage (VCC to GND)
−0.5 V to +6.0 V
Input Voltages
Input Voltage
−0.5 V to VCC + 0.5 V
Maximum Input/Output Current
±50 mA
Current
Input Current (into VP, VN)1
±10 mA
Shutdown Control Pin
Applied Voltage (SDN to GND)
−0.5 V to VCC + 0.5 V
Maximum Input/Output Current
±50 mA
Output Current
±50 mA
Temperature
Operating Temperature, Ambient
−40°C to +125°C
Operating Temperature, Junction
150°C
1
Input pins have clamp diodes to the power supply pins. Limit input current
to 10 mA or less whenever input signals exceed the power supply rail by
0.5 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA1
Unit
6-Lead SC70
426
°C/W
1
Measurement in still air.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com