Electronic Components Datasheet Search
  English  ▼

X  

C12329 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12329
Description  Beam for area lighting with shorter illumination distances optimized for CREE MX-3 and MX-6
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12329 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12329 Datasheet HTML 1Page - Ledil, Inc. C12329 Datasheet HTML 2Page - Ledil, Inc. C12329 Datasheet HTML 3Page - Ledil, Inc. C12329 Datasheet HTML 4Page - Ledil, Inc. C12329 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C12329_STRADA-T-DN
STRADA-T-DN
Beam for area lighting with shorter illumination
distances optimized for CREE MX-3 and MX-6
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
9.2 mm
Fastening
screw, pin, glue
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
5.6 kg
Quantity in Box
2880 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-T-DN
Lens
PMMA
clear
Last update: 08/03/2014
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C12329

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12331 LEDIL-C12331 Datasheet
2Mb / 5P
Soft wide beam with good illuminance uniformity optimized for CREE MX-3 and MX-6
logo
Hamamatsu Corporation
C12332-01 HAMAMATSU-C12332-01_15 Datasheet
1Mb / 7P
Simple evaluation starter kit for non-cooled MPPC
logo
Cree, Inc
C12345 CREE-C12345 Datasheet
1,016Kb / 17P
HighBay series
logo
Ledil, Inc.
C12345 LEDIL-C12345 Datasheet
1Mb / 6P
~55째 wide beam
logo
Cree, Inc
C12345-HB-5X1 CREE-C12345-HB-5X1 Datasheet
295Kb / 5P
High Bay series
More results

Similar Description - C12329

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11185 LEDIL-C11185 Datasheet
2Mb / 5P
Beam for area lighting with shorter illumination distance optimized for CREE XR-E
CA13493 LEDIL-CA13493 Datasheet
1Mb / 5P
Beam for area lighting with shorter illumination distances. Optimized for CREE XT-E and XP-G2. Assembly with installation tape.
C11816 LEDIL-C11816 Datasheet
1Mb / 4P
Beam for area lighting with shorter illumination distances. Optimized for CREE XP-G and XP-E.
C13492 LEDIL-C13492 Datasheet
1Mb / 4P
Beam for area lighting with shorter illumination distances. Optimized for CREE XT-E and XP-G2.
CA11817 LEDIL-CA11817 Datasheet
1Mb / 5P
Beam for area lighting with shorter illumination distances.
C11415 LEDIL-C11415 Datasheet
1Mb / 7P
Beam for area lighting with shorter illumination distances optimized
C11889 LEDIL-C11889 Datasheet
1Mb / 7P
Beam for area lighting with shorter illumination distances
CA11890 LEDIL-CA11890 Datasheet
1Mb / 5P
Beam for area lighting with shorter illumination distances
CA12311 LEDIL-CA12311 Datasheet
1Mb / 4P
Beam for area lighting with shorter illumination distances
CA11416 LEDIL-CA11416 Datasheet
1Mb / 9P
Beam for area lighting with shorter illumination distances optimized for CREE XP-G
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com