Electronic Components Datasheet Search
  English  ▼

X  

C14592 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14592
Description  Black glare lowering shade for FLORENCE-Z90, Z60 and Z30 optics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14592 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14592 Datasheet HTML 1Page - Ledil, Inc. C14592 Datasheet HTML 2Page - Ledil, Inc. C14592 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C14592_FLORENCE-3R-SHD-BLK
FLORENCE-3R-SHD-BLK
Black glare lowering shade for FLORENCE-Z90,
Z60 and Z30 optics
TECHNICAL SPECIFICATIONS:
Dimensions
290.62+65.62 mm
Height
13 mm
Fastening
pin
Colour
black
Box size
340 x 300 x 160 mm
Box weight
2.1 kg
Quantity in Box
60 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
FLORENCE-3R-SHD-BLK
Shade
ABS
black
Last update: 28/05/2018
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C14592

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14593 LEDIL-C14593 Datasheet
3Mb / 3P
Black glare lowering shade for FLORENCE-1R-Z90 and FLORENCE-1R-Z60 optics
More results

Similar Description - C14592

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14409 LEDIL-C14409 Datasheet
5Mb / 3P
Installation clip for fastening FLORENCE-1R optics or FLORENTINA-HLD
C14436 LEDIL-C14436 Datasheet
3Mb / 3P
Black frame for JENNY optics
C14446 LEDIL-C14446 Datasheet
3Mb / 3P
Black shade for FLORENTINA (12X1) assemblies
C14453 LEDIL-C14453 Datasheet
8Mb / 3P
Grey glare lowering shade for FLORENCE-Z90, Z60 and Z30 optics
C14519 LEDIL-C14519 Datasheet
1Mb / 3P
Grey glare lowering shade for FLORENCE-1R-Z90 and FLORENCE-1R-Z60 optics
C14593 LEDIL-C14593 Datasheet
3Mb / 3P
Black glare lowering shade for FLORENCE-1R-Z90 and FLORENCE-1R-Z60 optics
C14734 LEDIL-C14734 Datasheet
2Mb / 3P
Black shade for FLORENTINA-2X2 assemblies
C15427 LEDIL-C15427 Datasheet
3Mb / 3P
Black shade for FLORENTINA-1 assemblies
C17677 LEDIL-C17677 Datasheet
2Mb / 3P
Black shade for additional backlight control
C14646 LEDIL-C14646 Datasheet
2Mb / 3P
White glare lowering shade for FLORENCE-Z90, Z60 and Z30 optics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com